Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2684 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2684
Description  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2684 Datasheet HTML 1Page - STMicroelectronics AN2684 Datasheet HTML 2Page - STMicroelectronics AN2684 Datasheet HTML 3Page - STMicroelectronics AN2684 Datasheet HTML 4Page - STMicroelectronics AN2684 Datasheet HTML 5Page - STMicroelectronics AN2684 Datasheet HTML 6Page - STMicroelectronics AN2684 Datasheet HTML 7Page - STMicroelectronics AN2684 Datasheet HTML 8Page - STMicroelectronics AN2684 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
AN2684
4/21
Doc ID 14266 Rev 1
1
Electrical characteristics
The electrical characteristics of the VNI4140k demonstration board (STEVAL-IFP006V1)
are given in Table 1.
Table 1.
STEVAL-IFP006V1 electrical characteristics
Parameter
Value
Notes
Min
Typ
Max
Operating conditions
Ambient operating temperature
85 °C
If the VNI4140K junction temperature
exceeds 180 °C, device shuts down
Power supply
Vcc supply voltage
10.5 V
24 V
36 V
Vdd logic supply voltage
5 V
From eval communication board
Supply current on Vdd
250 µA
All channels in OFF state
2.4 mA
4.8 mA
ON state with Vin = 5 V
Output stage
Output channel ON current limitation
0.7 A
1.7 A
IC internally limited
VCC = 24 V; RLOAD < 10 m
Ω
Maximum DC output current
1.4 A
Dynamic load
dV/dt(ON) turn-on voltage slope
0.7 V/µs
IOUT = 0.5 A, resistive load
dV/dt
(off) turn-off voltage slope
1.5 V/µs
IOUT = 0.5 A, resistive load
Demagnetization protection
Output voltage on inductive turn-off
VCC-41
VCC-45
VCC-50
IOUT = 0.5 A; LLOAD >= 1 mH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com