Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2684 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2684
Description  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2684 Datasheet HTML 12Page - STMicroelectronics AN2684 Datasheet HTML 13Page - STMicroelectronics AN2684 Datasheet HTML 14Page - STMicroelectronics AN2684 Datasheet HTML 15Page - STMicroelectronics AN2684 Datasheet HTML 16Page - STMicroelectronics AN2684 Datasheet HTML 17Page - STMicroelectronics AN2684 Datasheet HTML 18Page - STMicroelectronics AN2684 Datasheet HTML 19Page - STMicroelectronics AN2684 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Bill of material
AN2684
16/21
Doc ID 14266 Rev 1
Appendix A
Bill of material
Table 6.
IFP006V1 demonstration board bill of material
Designator
Part type
Description
RR1
10 k
Ω x 4
SMD resistor pack 1206 format
RR2
10 k
Ω x 4
SMD resistor pack 1206 format
RR3
1 k
Ω x 4
SMD resistor pack 1206 format
RR4
10 k
Ω x 4
SMD resistor pack 1206 format
RR5
47 k
Ω x 4
SMD resistor pack 1206 format
C1
10 nF LV
SMD capacitor 1206 format
C2
10 nF LV
SMD capacitor 1206 format
C3
10 nF LV
SMD capacitor 1206 format
C4
10 nF LV
SMD capacitor 1206 format
C5
100 nF
SMD capacitor 1206 format
C6
47 µF 50 V
SMD electrolytic capacitor
C7
4.7 nF
SMD capacitor 1206 format
C8
4.7 nF
SMD capacitor 1206 format
D1
SM15T39AC
Transil™ diode
DL1
LED diode
SMD LED diode 0805 format
DL2
LED diode
SMD LED diode 0805 format
DL3
LED diode
SMD LED diode 0805 format
DL4
LED diode
SMD LED diode 0805 format
OPT1
PC3Q66Q
4-channel OPTO isolator
OPT2
PC3Q66Q
4-channel OPTO isolator
IC1
VNI4140K
ST IC Industrial 4 CH HSD
J1
HADER 34-pin
Compatible EVALCOMMBOARD
J2
Jumper
Overvoltage test
J3
Jumper
Ground disconnection test
J4
Jumper
Vcc disconnection test
J5
Hader 14-pin
Compatible ST7CANIC DB
M1
4 screw plugs
HSD output connector
M2
2 screw plugs
Power supply connector
T1
Test point
HSD output channel 1 voltage
T2
Test point
HSD output channel 2 voltage
T3
Test point
HSD output channel 3 voltage
T4
Test point
HSD output channel 4 voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com