Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0313 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 8Page - STMicroelectronics UM0313 Datasheet HTML 9Page - STMicroelectronics UM0313 Datasheet HTML 10Page - STMicroelectronics UM0313 Datasheet HTML 11Page - STMicroelectronics UM0313 Datasheet HTML 12Page - STMicroelectronics UM0313 Datasheet HTML 13Page - STMicroelectronics UM0313 Datasheet HTML 14Page - STMicroelectronics UM0313 Datasheet HTML 15Page - STMicroelectronics UM0313 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Graphical User Interface
UM0313
12/33
3.1
Connecting to the Virtual COM port
Before using the functions of the evaluation kit software it is necessary to open the
connection with the EK302DL board. This is achieved through the following procedure:
1.
connect the EK302DL to the desired USB port;
2.
in the “Select COM” drop-down menu (Figure 9 ref 1), choose the Virtual COM number
to which the board has been mapped. For additional information on how to obtain this
number, see section 2.3;
3.
open the connection by clicking on “Connect” (Figure 9 ref 1). When this procedure is
complete, the general purpose LED on the board will switch from red to green.
At this point the user can acquire, plot and save the acceleration data measured by the
sensor and access the content of the registers embedded in the device.
The following sections provide details regarding the functions of the tabs in Figure 9, ref 3.
3.2
“Options” tab
The Options tab allows the user to control the following parameters:
●
Full Scale (FS) - Sets the maximum acceleration value measurable by the device. It is
possible to select either 2g or 8g (Figure 10, ref 1).
●
Data Rate (DR) - In this box the rate at which each acceleration sample is produced
can be selected. The possible values are 100 Hz or 400 Hz (Figure 10, ref 2).
●
Tri-State (TS) - Permits switching the SPI lines of the ST7-USB microcontroller
mounted on the evaluation kit between 3-state (i.e. high-impedance) and normal mode
(Figure 10, ref 3). This function makes it possible to isolate the sensor mounted on the
board from the microprocessor, in case any external control (from a different
microcontroller mounted on a separate user board) is needed.
●
High-Pass Filter (HP) - This control activates the High-Pass Filter on the device and
selects the cut-off frequency (Figure 10, ref 4).
●
Interrupt on Pad IntX - Allows the selection of the type of signal to be sent out on Int1
and Int2 Pad (Figure 10, ref 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com