Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0313 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 21Page - STMicroelectronics UM0313 Datasheet HTML 22Page - STMicroelectronics UM0313 Datasheet HTML 23Page - STMicroelectronics UM0313 Datasheet HTML 24Page - STMicroelectronics UM0313 Datasheet HTML 25Page - STMicroelectronics UM0313 Datasheet HTML 26Page - STMicroelectronics UM0313 Datasheet HTML 27Page - STMicroelectronics UM0313 Datasheet HTML 28Page - STMicroelectronics UM0313 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
UM0313
MEMS pointer
25/33
6.1.1
Right side: main controls
The buttons on the right side of the GUI and their related functions are described below:
●
Connection control - Selects the COM port on which the EK board is connected.
●
Acquisition control - Starts and stops acquisition.
●
Exit - Exits the MEMS Pointer Demo application.
6.1.2
Left side: pointer application controls
The controls on the left side of the GUI and their related functions are as follows:
●
Left button/right buttons - Indicates when the left/right button on the evaluation kit is
pressed.
●
X/Y-position - Shows the current x/y coordinates of the mouse pointer on the PC
screen.
●
X/Y-deg - Shows the tilt of the evaluation kit along the X and Y axes as depicted in
Figure 23.
●
Tilt control - Allows the user to select the direction of the vertical displacement on the
screen vs. the direction in which the board is tilted. For example, by selecting “Up” the
pointer will move upward when the evaluation kit is tilted forward. Conversely, by
selecting “Down” the pointer will move downwards when the board is tilted backward.
●
Pointer speed - Sets the sensitivity of the pointer to the inclination of the board.
Figure 23.
Axis orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com