Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0313 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 9Page - STMicroelectronics UM0313 Datasheet HTML 10Page - STMicroelectronics UM0313 Datasheet HTML 11Page - STMicroelectronics UM0313 Datasheet HTML 12Page - STMicroelectronics UM0313 Datasheet HTML 13Page - STMicroelectronics UM0313 Datasheet HTML 14Page - STMicroelectronics UM0313 Datasheet HTML 15Page - STMicroelectronics UM0313 Datasheet HTML 16Page - STMicroelectronics UM0313 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
UM0313
Graphical User Interface
13/33
Figure 10.
Options tab
3.3
“Register Setup” tab
The Register Setup tab shown in Figure 11 allows read/write access to the content of the
registers embedded in the LIS302DL MEMS sensor mounted on the evaluation kit. The tab
is divided into five sections:
“General” (ref 1) - Provides access to the registers which control the main settings of
the device. This section contains the control registers (CTRL_REG1, CTRL_REG2 and
CTRL_REG3) and the registers that control the generation of inertial interrupt signals.
It is possible to read and write the contents of each register. To restore the default value
for a given register, press the “Default” button.
“All Registers” (ref 2) - Permits the user to read, write and recall the default content for
all the registers shown in ref 1 with a single click on the read/write/default button.
“Direct Communication” (ref 3) - Provides access to any register in the device. To read
a generic register, insert the address in the “Register Address” textbox, then click on
the “Read” button. The retrieved content of the register will be displayed in the
“Register Value” field. As with writing to a register, the user must specify the address
and the data to be written inside the fields marked “Register Address” and “Register
Value”, respectively, and then press the “Write” button.
“Load/Save Configuration” (ref 4) - Lets the user save/load a specific configuration
to/from a file.
“Parameters” (ref 5) - Allows the user to save the register configuration to a text file,
which includes a detailed description of the resulting configuration for each register.
ref 1
ref 2
ref 3
ref 4
ref 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com