Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0313 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 20Page - STMicroelectronics UM0313 Datasheet HTML 21Page - STMicroelectronics UM0313 Datasheet HTML 22Page - STMicroelectronics UM0313 Datasheet HTML 23Page - STMicroelectronics UM0313 Datasheet HTML 24Page - STMicroelectronics UM0313 Datasheet HTML 25Page - STMicroelectronics UM0313 Datasheet HTML 26Page - STMicroelectronics UM0313 Datasheet HTML 27Page - STMicroelectronics UM0313 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
MEMS pointer
UM0313
24/33
7.
click on the “Start saving” button to activate the sensor data saving to file;
8.
click on the “Stop saving” button to stop the sensor data saving;
9.
click on the ”Stop” button to stop the sensor data collection and screen plotting
functions;
10. to close the application, click on “Disconnect” and then click on “Exit”
The GUI also gives read/write access to the registers embedded in the LIS302DL device
and allows a single read of the acceleration data measured by sensor.
6
MEMS pointer
This section describes how to use a simple pointer application, which utilizes acceleration
data provided by the LIS302DL MEMS 3-axis linear accelerometer to control the position of
a pointer on the screen of the PC. The software provided with the kit allows the EK302DL
Evaluation Kit board to be used as an inertial mouse, where the tilt of the board is translated into
movement of the pointer. The board also emulates the left and right buttons of the mouse.
6.1
GUI description
The GUI window (see Figure 22) is divided into two sections. The top section contains the
main controls to open the connection to the evaluation kit and to start/stop the data
acquisition. The bottom section contains the pointer application controls.
Figure 22.
MEMS Pointer Demo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com