Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2485 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 9Page - STMicroelectronics AN2485 Datasheet HTML 10Page - STMicroelectronics AN2485 Datasheet HTML 11Page - STMicroelectronics AN2485 Datasheet HTML 12Page - STMicroelectronics AN2485 Datasheet HTML 13Page - STMicroelectronics AN2485 Datasheet HTML 14Page - STMicroelectronics AN2485 Datasheet HTML 15Page - STMicroelectronics AN2485 Datasheet HTML 16Page - STMicroelectronics AN2485 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN2485
Test results and significant waveforms
13/29
Figure 22. shows the circuit behavior in case of mains dip. As previously described, the time
constant of the VFF pin provides a very fast compensation in case of surge, which is the
most critical transition, and a slower compensation in case of mains dip. As shown, in that
case the output voltage changes, but in few mains cycles it returns to the nominal value. A
controller without the VFF function will instead perform differently. In Figure 23. the behavior
of a PFC using the L6562 working in FOT and delivering a similar output power is shown. In
case of a mains dip, the output voltage variation is larger and the output voltage requires
more time to return to the original value.
Deriving a voltage proportional to the RMS line voltage implies a form of integration, which
has its own time constant. If the time constant is too small the voltage generated will be
affected by a considerable amount of ripple at twice the mains frequency so causing
distortion of the current reference (resulting in high THD and poor PF). If the time constant is
too large there will be a considerable delay in setting the right amount of feedforward,
resulting in excessive overshoot or undershoot of the pre-regulator's output voltage in
response to large line voltage changes. Clearly, a trade-off is required.
For reference, Figure 24. and Figure 25. compare the input current shape and the
measurement of the THD and 3RD Harmonic amplitude for different CFF values. Figure 25.
shows that increasing 3 times the CFF capacitor improves the current shape and both the
THD and the third harmonic current are also decreased, but not very significantly. The time
constant used for VFF (CFF = 470 nF, RFF = 150 K+240 K) is a good compromise.
Figure 22.
EVAL6563-400W Input mains dip
from 140 Vac to 90 Vac - full load -
CFF = 470 nF
Figure 23.
L6562 FOT Input mains dip from 90
Vac to 140 Vac - full load - NO VFF
input
CH1: Output voltage
CH2: Input rectified mains voltage
CH4: Input current
CH3: VFF voltage - pin #5
CH1: Output voltage
CH2: Input rectified mains voltage
CH4: Input current
CH3: VFF voltage - pin #5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com