Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2485 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 19Page - STMicroelectronics AN2485 Datasheet HTML 20Page - STMicroelectronics AN2485 Datasheet HTML 21Page - STMicroelectronics AN2485 Datasheet HTML 22Page - STMicroelectronics AN2485 Datasheet HTML 23Page - STMicroelectronics AN2485 Datasheet HTML 24Page - STMicroelectronics AN2485 Datasheet HTML 25Page - STMicroelectronics AN2485 Datasheet HTML 26Page - STMicroelectronics AN2485 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN2485
Bill of material
23/29
7
Bill of material
Table 2.
Bill of material
Ref.
des.
Part type-
part value
Case/
package
Description
Supplier
C1
470 nF-X2
DWG
X2 FILM CAPACITOR R46-I 3470--M1-
ARCOTRONICS
C10
18 N
1206
100V SMD CERCAP - GEN. PURPOSE
AVX
C11
470 nF/50 V
1206
50V SMD CERCAP - GEN. PURPOSE
AVX
C12
47 uF/50 V
DIA6.3X11
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C13
100 nF
0805
50V SMD CERCAP - GEN. PURPOSE
AVX
C14
1 µF
1206
50V SMD CERCAP - GEN. PURPOSE
AVX
C15
100 pF
0805
50V SMD CERCAP - GEN. PURPOSE
AVX
C16
220pF
0805
50V SMD CERCAP - GEN. PURPOSE
AVX
C17
10 nF
0805
50V SMD CERCAP - GEN. PURPOSE
AVX
C18
470 nF
1206
50V SMD CERCAP - GEN. PURPOSE
AVX
C19
2 nF2
0805
50V SMD CERCAP - GEN. PURPOSE
AVX
C2
470 nF-X2
DWG
X2 FILM CAPACITOR R46-I 3470--M1-
ARCOTRONICS
C20
330 pF
0805
50V SMD CERCAP - GEN. PURPOSE
AVX
C21
10 nF
1206
50V SMD CERCAP - GEN. PURPOSE
AVX
C3
680nF-X2
DWG
X2 FILM CAPACITOR R46-I 3680--M1-
ARCOTRONICS
C4
470 nF-630 V
DWG
FILM CAPACITOR MKP - B32653A6474J
EPCOS
C5
470 nF-630 V
DWG
FILM CAPACITOR MKP - B32653A6474J
EPCOS
C6
470 nF-630 V
DWG
FILM CAPACITOR MKP- B32653A6474J
EPCOS
C7
330 µF-450 V
DIA35x35
ALUMINIUM ELCAP - LLS SERIES - 85°C
NICHICON
D1
1N5406
DO-201
STD RECOVERY RECTIFIER
VISHAY
D2
D15XB60
DWG
RECTIFIER BRIDGE
SHINDENGEN
D3
STTH8R06
TO-220FP
ULTRAFAST HIGH VOLTAGE RECTIFIER
STMicroelectronics
D4
LL4148
MINIMELF
FAST SWITCHING DIODE
VISHAY
D5
BZX85-C15
MINIMELF
ZENER DIODE
VISHAY
D6
LL4148
MINIMELF
FAST SWITCHING DIODE
VISHAY
D7
LL4148
MINIMELF
FAST SWITCHING DIODE
VISHAY
D8
LL4148
MINIMELF
FAST SWITCHING DIODE
VISHAY
F1
8 A/250 V
5x20MM
8A MAINS INPUT FUSE
WICKMANN
J1
3-PINS CONN. (CENTRAL REM.) P 3.96 KK
SERIES
MOLEX
J2
5-PINS CONN. (CENTRAL REM.) P 3.96 KK
SERIES
MOLEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com