Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2485 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 18Page - STMicroelectronics AN2485 Datasheet HTML 19Page - STMicroelectronics AN2485 Datasheet HTML 20Page - STMicroelectronics AN2485 Datasheet HTML 21Page - STMicroelectronics AN2485 Datasheet HTML 22Page - STMicroelectronics AN2485 Datasheet HTML 23Page - STMicroelectronics AN2485 Datasheet HTML 24Page - STMicroelectronics AN2485 Datasheet HTML 25Page - STMicroelectronics AN2485 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Conducted emission pre-compliance test
AN2485
22/29
6
Conducted emission pre-compliance test
Figure 37, 38, 39, and 40 show the peak measurement of the conducted noise at full load
and nominal mains voltages. The limits shown on the diagrams are EN55022 Class-B,
which is the most common norm for domestic equipment using a two-wire mains
connection. As shown on the graphs, under all test conditions there is a good margin of the
measures with respect to the limits.
Figure 37.
115 Vac and full load - phase
Figure 38.
115 Vac and full load - neutral
Figure 39.
230 Vac and full load - phase
Figure 40.
230 Vac and full load - neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com