Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2485 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 17Page - STMicroelectronics AN2485 Datasheet HTML 18Page - STMicroelectronics AN2485 Datasheet HTML 19Page - STMicroelectronics AN2485 Datasheet HTML 20Page - STMicroelectronics AN2485 Datasheet HTML 21Page - STMicroelectronics AN2485 Datasheet HTML 22Page - STMicroelectronics AN2485 Datasheet HTML 23Page - STMicroelectronics AN2485 Datasheet HTML 24Page - STMicroelectronics AN2485 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AN2485
Thermal measures
21/29
Figure 35.
Thermal map at 115 Vac-60 Hz - full load
Figure 36.
Thermal map at 230 Vac-50 Hz - full load
Table 1.
Measured temperature table at 115 Vac and 230 Vac - full load
Point
Component
Temperature @115 Vac
Temperature @230 Vac
A
D2
64.7°C
51.3°C
B
Q2
76.5°C
62.0°C
C
Q1
74.1°C
61.9°C
D
D3
72.8°C
65.6°C
E
C7
41.0°C
41.5°C
F
L1
58.5°C
43.5°C
G
L3
59.2°C
50.6°C
H
L4 – CORE
57.0°C
56.5°C
I
L4 - WINDING
65.1°C
60.9°C
°C
80.6
73.9
67.2
60.5
53.8
47.1
40.4
33.7
26.9
°C
79.9
73.2
66.6
60.0
53.3
46.7
40.0
33.4
26.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com