Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WEJS51YC-CD3 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # WEJS51YC-CD3
Description  Light Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

WEJS51YC-CD3 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  WEJS51YC-CD3 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
SHENZHEN YONGERJIA ELECTRONIC CO.,LTD
Light Emitting Diode
PART NO.:WEJS51YC-CD3
Page:2/4
5.0mm HIGH POWER YELLOW LED LAMP
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
72
mW
Forward Current (DC)
IF
30
mA
Peak Forward Current(Pulse width≤0.1msec duty≤1/10)
IFP
100
mA
Reverse Voltage
VR
5.0
V
Electro-Static-Discharge
ESD
200
V
Operation Temperature Range
Topr
-25to+85
℃
Storage Temperature Range
Tstg
-40to+100
℃
Lead Soldering Temperature(1.6mm from body) for 5 seconds
260
℃
Typical Electrical and Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Luminous Intensity
Iv
If=20mA
800
1600
mcd
Forward Voltage
Vf
If=20mA
1.9
2.4
v
Peak Wavelength
λP
If=20mA
598
nm
Dominant Wavelength
λD
If=20mA
591
nm
Reverse Current
Ir
Vr=5v
10
uA
Viewing Angle
2θ1/2
If=20mA
60
deg
Spectrum Line Half width
Δλ
If=20mA
35
nm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com