Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WEJS51YC-CD3 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # WEJS51YC-CD3
Description  Light Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

WEJS51YC-CD3 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  WEJS51YC-CD3 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
SHENZHEN YONGERJIA ELECTRONIC CO.,LTD
Light Emitting Diode
PART NO.:WEJS51YC-CD3
Page:1/4
5.0mm HIGH POWER YELLOW LED LAMP
Features
Package Dimensions
※ High intensity
※ Reliable and rugged
※ Low current requirement
※ IC compatible
Description
The Yellow Lamps are made
With AlGaInp/GaAs chip and Water
clear epoxy resin
Notes:
1. All dimensions in mm tolerance is ±0.2mm unless otherwise noted.
2. An epoxy meniscus may extend about 1.5mm down the lead.
3. Burr around bottom of epoxy may be 0.5mm max.
LED chip
Part NO.
Material
Emitting Color
Lens Color
WEJS51YC-CD3
AlGaInp/GaAs
Yellow
Water clear
7.62
5.0
0.75
0.4
5.08
5.08


Similar Part No. - WEJS51YC-CD3

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
WEJS51YC-C93 WINNERJOIN-WEJS51YC-C93 Datasheet
223Kb / 4P
Light Emitting Diode
More results

Similar Description - WEJS51YC-CD3

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
WEJP01BC-WV61 WINNERJOIN-WEJP01BC-WV61 Datasheet
129Kb / 2P
Light Emitting Diode
WEJP01GC-WV63 WINNERJOIN-WEJP01GC-WV63 Datasheet
129Kb / 2P
Light Emitting Diode
WEJS31BC-C66 WINNERJOIN-WEJS31BC-C66 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31GC-DL4 WINNERJOIN-WEJS31GC-DL4 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31RC-991 WINNERJOIN-WEJS31RC-991 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31WC-C83 WINNERJOIN-WEJS31WC-C83 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31YC-C93 WINNERJOIN-WEJS31YC-C93 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
Light Emitting Diode
logo
Roithner LaserTechnik G...
CG4L5111A ROITHNER-CG4L5111A Datasheet
315Kb / 2P
Light Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com