Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WEJS51YC-CD3 Datasheet(PDF) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # WEJS51YC-CD3
Description  Light Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

WEJS51YC-CD3 Datasheet(HTML) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  WEJS51YC-CD3 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
SHENZHEN YONGERJIA ELECTRONIC CO.,LTD
Light Emitting Diode
PART NO.:WEJS51YC-CD3
Page:4/4
5.0mm HIGH POWER YELLOW LED LAMP
ENCASED TYPE
PLASTIC PACKAGE
QUANTITY : 200 PCS
INNER BOX
QUANTITY: 10 PACKETS
TOTAL:2,000 PCS
PART NO.
WEJS51YC-CD3
LOT NO.
XXXXXXXXXXXX
BIN CODE
XX
XX
XX
XX
XX
TOTAL
QUANTITY
xxpcs
xxpcs
xxpcs
xxpcs
xxpcs
xxpcs
DATE
XXXX XX XX
OUTER CARTON
QUANTITY: 4 BOX
TOTAL:8,000 PCS
C/T NO.
XX
PART NO.
WEJS51YC-CD3
QUANTITY
Xxxxx pcs
N.W.
XX KGS
G.W
XX KGS
REMARK
YONG ER JIA ELECTRONIC CO.,LTD
PART NO. : WEJS51YC-CD3
V f:
v
IV:
mcd
Wld:
nm
BIN:
Date:
Q C:
Q’TY:
PCS
LOT NO:
vf:
V
IV:
mcd
PART NO :wejxxxxx-xxx-xxx
yong er jia electronic co.,ltd.
wld :
nm
bin:
date:
QC:
Q'TY:
L OT NO.:
Xx X
PCS
QUANTITY
DATE
XXXX , XX , XX
PCS
PCS
BIN CODE
PART NO.
LOT NO.
WEJXXXXX-XXX-XXX
XXXXXXXXXX
Xx X
Xx X
PCS
PCS
X
X
XX
XX
.X
X.X
X
PC
S
XX
XX
XX
XX
XX
LX
XX
XX
-X
X-
XX
XX
XX
, X
X
, X
X
QU
AN
TIT
Y
Xx X
TOTAL
PA
RT
NO
.
BI
N
CO
DE
LO
T N
O.
DA
TE
X
PC
S
X
PC
S
X
X
PC
S
TO
TA
L
PC
S
OQ
C
REMARK
註
備
WEJXXXXX-XXX-XXX
凈 重
數
量
毛
重
G.W.
N.W.
QUANTITY
料
號
PART NO.
箱 號
C/T NO.
KGS
PCS
KGS
XX
WE
J
XX
XX
.X
X.
XX
X
X
OQ
C
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com