Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WEJS51YC-CD3 Datasheet(PDF) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # WEJS51YC-CD3
Description  Light Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

WEJS51YC-CD3 Datasheet(HTML) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  WEJS51YC-CD3 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJS51YC-CD3 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
SHENZHEN YONGERJIA ELECTRONIC CO.,LTD
Light Emitting Diode
PART NO.:WEJS51YC-CD3
Page:3/4
5.0mm HIGH POWER YELLOW LED LAMP
Typical Electrical / Optical Characteristics Curves
FORWARD CURRENT VS.APPLIED VOLTAGE
FORWARD CURRENT VS. LUMINOUS INTENSITY
AMBIENT TEMPERA TURE VS.FORWARD CURRENT
RADIATION DIAGRAM
60
Forward Current (mA)
30
0
1500
3000
6000
4500
7500
90
0.0
Ambient Temperature Ta (。C)
0
20
40
60
100
80
10
20
40
30
50
80°
90°
60°
70°
50°
30°
40°
0.1
0.5
0.7
0.8
0.3
1.0
0.9
0.4
0.2
0.6
0°
10° 20°
Applied Voltage (V)
10
20
40
30
50
1.2
1.6
2.0
2.4
2.8
3.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com