Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236M1GT Datasheet(PDF) 21 Page - NEC

Part # UPD17P236M1GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236M1GT Datasheet(HTML) 21 Page - NEC

Back Button UPD17P236M1GT Datasheet HTML 17Page - NEC UPD17P236M1GT Datasheet HTML 18Page - NEC UPD17P236M1GT Datasheet HTML 19Page - NEC UPD17P236M1GT Datasheet HTML 20Page - NEC UPD17P236M1GT Datasheet HTML 21Page - NEC UPD17P236M1GT Datasheet HTML 22Page - NEC UPD17P236M1GT Datasheet HTML 23Page - NEC UPD17P236M1GT Datasheet HTML 24Page - NEC UPD17P236M1GT Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
µPD17P236
21
Data Sheet U14776EJ1V0DS00
DC Programming Characteristics (TA = 25
°C, VDD = 6.0 ±0.25 V, VPP = 12.5 ±0.3 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-level input voltage
VIH1
Other than CLK
0.7VDD
VDD
V
VIH2
CLK
VDD – 0.5
VDD
V
Low-level input voltage
VIL1
Other than CLK
0
0.3VDD
V
VIL2
CLK
0
0.4
V
Input leakage current
ILI
VIN = VIL or VIH
10
µA
High-level output voltage
VOH
IOH = –1 mA
VDD – 1.0
V
Low-level output voltage
VOL
IOL = 1.6 mA
0.4
V
VDD supply current
IDD
30
mA
VPP supply current
IPP
MD0 = VIL, MD1 = VIH
30
mA
Cautions 1. Keep VPP to within +13.5 V including overshoot.
2. Apply VDD before VPP and turns it off after VPP.
AC Programming Characteristics (TA = 25
°C, VDD = 6.0 ±0.25 V, VPP = 12.5 ±0.3 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Address setup timeNote (vs. MD0
↓)tAS
2
µs
MD1 setup time (vs. MD0
↓)tM1S
2
µs
Data setup time (vs. MD0
↓)tDS
2
µs
Address hold timeNote (vs. MD0
↑)tAH
2
µs
Data hold time (vs. MD0
↑)tDH
2
µs
MD0
↑→ data output float delay time
tDF
0
130
ns
VPP setup time (vs. MD3
↑)tVPS
2
µs
VDD setup time (vs. MD3
↑)tVDS
2
µs
Initial program pulse width
tPW
0.95
1.0
1.05
ms
Additional program pulse width
tOPW
0.95
21.0
ms
MD0 setup time (vs. MD1
↑)tMOS
2
µs
MD0
↓→ data output delay time
tDV
MD0 = MD1 = VIL
1
µs
MD1 hold time (vs. MD0
↑)tM1H
tM1H+tM1R
≥ 50
µs2
µs
MD1 recovery time (vs. MD0
↓)tM1R
2
µs
Program counter reset time
tPCR
10
µs
CLK input high-, low-level width
tXH, tXL
0.125
µs
CLK input frequency
fX
4.19
MHz
Initial mode set time
tI
2
µs
MD3 setup time (vs. MD1
↑)tM3S
2
µs
MD3 hold time (vs. MD1
↓)tM3H
2
µs
MD3 setup time (vs. MD0
↓)tM3SR
When program memory is read
2
µs
AddressNote
→ data output delay time
tDAD
When program memory is read
2
µs
AddressNote
→ data output hold time
tHAD
When program memory is read
0
130
ns
MD3 hold time (vs. MD0
↑)tM3HR
When program memory is read
2
µs
MD3
↓→ data output float delay time
tDFR
When program memory is read
2
µs
Reset setup time
tRES
10
µs
Note
The internal address increment (+1) is performed on the fall of the 3rd clock, where 4 clocks compreise one
cycle. The internal clock is not connected to a pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com