Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236M1GT Datasheet(PDF) 27 Page - NEC

Part # UPD17P236M1GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236M1GT Datasheet(HTML) 27 Page - NEC

Back Button UPD17P236M1GT Datasheet HTML 23Page - NEC UPD17P236M1GT Datasheet HTML 24Page - NEC UPD17P236M1GT Datasheet HTML 25Page - NEC UPD17P236M1GT Datasheet HTML 26Page - NEC UPD17P236M1GT Datasheet HTML 27Page - NEC UPD17P236M1GT Datasheet HTML 28Page - NEC UPD17P236M1GT Datasheet HTML 29Page - NEC UPD17P236M1GT Datasheet HTML 30Page - NEC UPD17P236M1GT Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
µPD17P236
27
Data Sheet U14776EJ1V0DS00
In-circuit emulator
IE-17K,
IE-17K-ET
Note 1
APPENDIX. DEVELOPMENT TOOLS
To develop the programs for the
µPD17P236 subseries, the following development tools are available:
Hardware
Name
Remarks
IE-17K and IE-17K-ET are the in-circuit emulators used in common with the 17K series
microcontroller.
IE-17K and IE-17K-ET are connected to a PC-9800 series or IBM PC/AT
TM compatible machines
as the host machine with RS-232C.
By using these in-circuit emulators with a system evaluation board corresponding to the
microcomputer, the emulators can emulate the microcomputer. A higher level debugging
environment can be provided by using man-machine interface
SIMPLEHOST
TM.
SE board
This is an SE board for
µPD17236 subseries. It can be used alone to evaluate a system
(SE-17235)
or in combination with an in-circuit emulator for debugging.
Emulation probe
EP-17K28GT is an emulation probe for 17K series 28-pin SOP (GM-375B). When used with
(EP-17K28GT)
EV9500GT-28
Note 2, it connects an SE board to the target system.
Emulation probe
EP-17K30GS is an emulation probe for 17K series 30-pin SSOP (MC-5A4). When used
(EP-17K30GS)
with EV-9500GT-30
Note 3, it connects an SE board to the target system.
Conversion adapter
The EV-9500GT-28 is a conversion adapter for the 28-pin SOP (GM-375B). It is used to connect
(EV-9500GT-28
Note 2)
the EP-17K28GT and target system.
Conversion adapter
The EV-9500GT-30 is a conversion adapter for the 30-pin SSOP (MC-5A4). It is used to
(EV-9500GT-30
Note 3)
connect the EP-17K30GS and target system.
PROM programmer
AF-9706, AF-9708, and AF-9709 are PROM programmers corresponding to
µPD17P236.
(AF-9706
Note 4, AF-9708Note 4,
By connecting program adapter PA-17P236 to this PROM programmer,
µPD17P236 can be
AF-9709
Note 4)
programmed.
Program adapter
PA-17P236 are adapters that is used to program
µPD17P236, and is used in combination
(PA-17P236)
with AF-9706, AF-9708, or AF-9709.
Notes 1. Low-cost model: External power supply type
2. Two EV-9500GT-28 are supplied with the EP-17K28GT. Five EV-9500GT-28 are optionally available
as a set.
3. Two EV-9500GT-30 are supplied with the EP-17K30GS. Five EV-9500GT-30 are optionally available
as a set.
4. These are products from Ando Electric Co., Ltd. For details, consult Ando Electric Co., Ltd. (Tel: 03-
3733-1166).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com