Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236M1GT Datasheet(PDF) 15 Page - NEC

Part # UPD17P236M1GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236M1GT Datasheet(HTML) 15 Page - NEC

Back Button UPD17P236M1GT Datasheet HTML 11Page - NEC UPD17P236M1GT Datasheet HTML 12Page - NEC UPD17P236M1GT Datasheet HTML 13Page - NEC UPD17P236M1GT Datasheet HTML 14Page - NEC UPD17P236M1GT Datasheet HTML 15Page - NEC UPD17P236M1GT Datasheet HTML 16Page - NEC UPD17P236M1GT Datasheet HTML 17Page - NEC UPD17P236M1GT Datasheet HTML 18Page - NEC UPD17P236M1GT Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
µPD17P236
15
Data Sheet U14776EJ1V0DS00
3.3 Program Memory Reading Procedure
(1)
Pull down the pins not used to GND via resistor. Keep the CLK pin low.
(2)
Supply 5 V to the VDD pin. Keep the VPP pin low.
(3)
Supply 5 V to the VPP pin after waiting for 10
µs.
(4)
Set the program memory address 0 clear mode by using the mode setting pins.
(5)
Supply +6 V to VDD and +12.5 V to VPP.
(6)
Set the program inhibit mode.
(7)
Set the verify mode. Data of each address is output sequentially each time the clock pulse is input to
the CLK pin four times.
(8)
Set the program inhibit mode.
(9)
Set the program memory address 0 clear mode.
(10) Change the voltage on the VDD and VPP pins to 5 V.
(11) Turn off power.
The following figure illustrates steps (2) through (9) above.
Hi-Z
Hi-Z
"L"
MD3
MD2
MD1
MD0
D0-D7
CLK
GND
VDD
VDD
VPP
VPP
VDD
GND
VDD+1
Reset
Data output
Data output
One cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com