Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236M1GT Datasheet(PDF) 23 Page - NEC

Part # UPD17P236M1GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236M1GT Datasheet(HTML) 23 Page - NEC

Back Button UPD17P236M1GT Datasheet HTML 19Page - NEC UPD17P236M1GT Datasheet HTML 20Page - NEC UPD17P236M1GT Datasheet HTML 21Page - NEC UPD17P236M1GT Datasheet HTML 22Page - NEC UPD17P236M1GT Datasheet HTML 23Page - NEC UPD17P236M1GT Datasheet HTML 24Page - NEC UPD17P236M1GT Datasheet HTML 25Page - NEC UPD17P236M1GT Datasheet HTML 26Page - NEC UPD17P236M1GT Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
µPD17P236
23
Data Sheet U14776EJ1V0DS00
5.
PACKAGE DRAWING
114
28
15
S
S
detail of lead end
M
C
M
N
A
B
H
K
L
P
J
I
G
D
E
F
ITEM
B
C
I
28-PIN PLASTIC SOP (9.53 mm (375))
A
D
E
F
G
H
J
K
L
MILLIMETERS
1.27 (T.P.)
0.78 MAX.
7.2
±0.2
17.9
±0.17
0.1
±0.1
0.42
2.6
±0.2
10.3
±0.3
2.50
+0.08
−0.07
1.6
±0.2
0.17+
0.08
−0.07
0.8
±0.2
0.12
M
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
P
3
°+7°
−3°
N
0.15
P28GM-50-375B-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com