Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2960 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 19Page - STMicroelectronics AN2960 Datasheet HTML 20Page - STMicroelectronics AN2960 Datasheet HTML 21Page - STMicroelectronics AN2960 Datasheet HTML 22Page - STMicroelectronics AN2960 Datasheet HTML 23Page - STMicroelectronics AN2960 Datasheet HTML 24Page - STMicroelectronics AN2960 Datasheet HTML 25Page - STMicroelectronics AN2960 Datasheet HTML 26Page - STMicroelectronics AN2960 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
AN2960
Data and status registers
Doc ID 15557 Rev 1
23/41
7
Data and status registers
7.1
WHO_AM_I (0Fh)
Device identification register.
This register contains a device identifier which, for the LIS331DL, is set to 3Bh.
7.2
STATUS_REG (27h)
Data output status register.
ZYXOR is set to one whenever new acceleration data is produced before completing the
retrieval of the previous set. When this occurs, the content of at least one acceleration data
register (i.e. OUTX, OUTY, OUTZ) has been overwritten. ZYXOR is cleared when the
acceleration data (OUTX, OUTY, OUTZ) of all the active channels are read.
00
111
01
1
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
ZYXOR
X, Y and Z axes data overrun. Default value: 0
(0: no overrun has occurred;
1: new data has overwritten the previous data before it was read)
ZOR
Z-axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the Z-axis has overwritten the previous data)
YOR
Y-axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the Y-axis has overwritten the previous data)
XOR
X-axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new data for the X-axis has overwritten the previous data)
ZYXDA
X, Y and Z-axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZDA
Z-axis new data available. Default value: 0
(0: new data for the Z-axis is not yet available;
1: new data for the Z-axis is available)
YDA
Y-axis new data available. Default value: 0
(0: new data for the Y-axis is not yet available;
1: new data for the Y-axis is available)
XDA
X-axis new data available. Default value: 0
(0: new data for the X-axis is not yet available;
1: new data for the X-axis is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com