Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2960 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 24Page - STMicroelectronics AN2960 Datasheet HTML 25Page - STMicroelectronics AN2960 Datasheet HTML 26Page - STMicroelectronics AN2960 Datasheet HTML 27Page - STMicroelectronics AN2960 Datasheet HTML 28Page - STMicroelectronics AN2960 Datasheet HTML 29Page - STMicroelectronics AN2960 Datasheet HTML 30Page - STMicroelectronics AN2960 Datasheet HTML 31Page - STMicroelectronics AN2960 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Free-fall and wake-up registers
AN2960
28/41
Doc ID 15557 Rev 1
Figure 12.
DCRM bit function
8.5
FF_WU_DURATION_1 (33h)
Set the minimum duration of the free-fall, wake-up event that must be recognized by the
LIS331DL.
D7, D0 define the minimum duration of the programmed inertial event such as free-fall and
wake-up that must be recognized by the device. Duration increments and maximum value
depend on the ODR chosen. For an output data rate of 400 Hz, the register allows setting a
duration spanning from 0 to 637.5 ms in increments of 2.5 ms. Conversely, when the output
data rate is set to 100 Hz, it is possible to define an event duration spanning from 0 to 2.55
seconds in increments of 10 ms. The counter used to implement the duration function is
blocked when the LIR bit in the configuration register is set to one and the interrupt event
has occurred.
Free-fall event
Counter value
Duration THS
Free-fall interrupt
Free-fall event
Counter value
Duration THS
Free-fall interrupt
Free-fall event
Counter value
Duration THS
Free-fall interrupt
Duration
Duration
Duration
C
B
D7
D6
D5
D4
D3
D2
D1
D0
D7, D0
Duration value. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com