Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2960 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 33Page - STMicroelectronics AN2960 Datasheet HTML 34Page - STMicroelectronics AN2960 Datasheet HTML 35Page - STMicroelectronics AN2960 Datasheet HTML 36Page - STMicroelectronics AN2960 Datasheet HTML 37Page - STMicroelectronics AN2960 Datasheet HTML 38Page - STMicroelectronics AN2960 Datasheet HTML 39Page - STMicroelectronics AN2960 Datasheet HTML 40Page - STMicroelectronics AN2960 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
AN2960
Application information
Doc ID 15557 Rev 1
39/41
9.8
DataReady vs. interrupt signal
The device includes two pins which can be activated to generate either the DataReady or
the interrupt signal. The functionality of the pins is selected by setting the interrupt
configuration bits located in CTRL_REG3(2-0) for interrupt pin 1 (INT1) and in
CTRL_REG3(5-3) for interrupt pin 2 (INT2), in accordance with the block diagram given in
Figure 16.
The DataReady signal stored in STATUS_REG(3), which indicates when a new set of
acceleration data is ready, is made available by setting the cfg bit to 100. The interrupt
source 1 signal is sent to the pin when the cfg bit is set to 001 and the interrupt source 2
when the cfg bit is set to 010. A logic “OR” combination of interrupt source 1 and 2 can be
sent to an interrupt pin by writing 011 in the cfg bit.
Figure 16.
Interrupt and DataReady signal generation block diagram
The DataReady signal rises to 1 when a new set of acceleration data has been generated
and is available for reading. The signal is reset after all the enabled channels are read
through the serial interface.
Figure 17.
DataReady signal
CTRL_REG3(2,1,0)
0
INT1 signal
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 1 1
Free-Fall,
Wake-Up
Interrupt
Interrupt
Counter
Clock (100/400Hz)
ff_wu_duration
Latch
FF_WU_CFG1(LIR)
Generator
Generator
0
1
DataReady signal
DataReady
Signal
Generator
Interrupt Generator
(FF_WU_1, 2)
IA
IA
(FF_WU_SRC_1)
(FF_WU_SRC_2)
Latch
FF_WU_CFG2(LIR)
0
1
Free-Fall,
Wake-Up
Counter
Clock (100/400Hz)
ff_wu_duration
1
2
CTRL_REG3(5,4,3)
0
INT2 signal
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 1 1
RDY
DATA READ
ACCEL DATA
Accel. Sample #(N)
Accel. Sample #(N+1)
XY
Z
XY
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com