Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2960 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 31Page - STMicroelectronics AN2960 Datasheet HTML 32Page - STMicroelectronics AN2960 Datasheet HTML 33Page - STMicroelectronics AN2960 Datasheet HTML 34Page - STMicroelectronics AN2960 Datasheet HTML 35Page - STMicroelectronics AN2960 Datasheet HTML 36Page - STMicroelectronics AN2960 Datasheet HTML 37Page - STMicroelectronics AN2960 Datasheet HTML 38Page - STMicroelectronics AN2960 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
AN2960
Application information
Doc ID 15557 Rev 1
35/41
The FF_WU_CFG(LIR) bit permits the determination of whether or not the interrupt request
should be latched. If the LIR bit is ‘0’ (default value), the interrupt signal goes high when the
interrupt condition is satisfied and comes back low immediately if the interrupt condition is
no longer verified. Otherwise, if the LIR bit is ‘1’, whenever an interrupt condition is applied
the interrupt signal remains high even if the condition returns to a non-interrupt status, until
a reading to the FF_WU_SRC register is performed.
The remaining bits of the FF_WU_CFG register allow the decision as to which axis the
interrupt should be performed on and in which direction the threshold must be exceeded to
generate the interrupt request.
9.5
Inertial wake-up
9.5.1
HP filter bypassed
This paragraph provides a basic algorithm which shows the practical use of the inertial
wake-up feature. In particular, with the code below, the device is configured to recognize
when the absolute acceleration along either X or Y axis exceeds a preset threshold (180 mg
is used in the example). The event which triggers the interrupt is latched inside the device
using FF_WU interrupt source 1 and its occurrence is signalled through the use of the INT2
pin.
1
write C7h into CTRL_REG1
// Turn-on the sensor and set ODR=400Hz
2
write 00h into CTRL_REG2
// Default value: high-pass filter bypassed
3
write 08h into CTRL_REG3
// FF_WU1 interrupt sent to INT2 pin
4
write 0Ah into FF_WU_THS_1 reg
// Set wake-up threshold = 180 mg
5
write 00h into FF_WU_DURATION_1 reg
// No filtering/confirmation on the event
6
write 4Ah into FF_WU_CFG_1
// Configure desired wake-up event
7
poll INT2 pin; if INT2=0 then goto 7
// Poll INT2 pin waiting for the wake-up event
8
read FF_WU_SRC_1 reg
// Return the event that has triggered the
interrupt
// Clear interrupt request
9
(Wake-up event has occurred; insert your code
here)
// Event handling
10
goto 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com