Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2985 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2985
Description  The STEVAL-IFP010V3 demonstration board has been developed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2985 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2985 Datasheet HTML 3Page - STMicroelectronics AN2985 Datasheet HTML 4Page - STMicroelectronics AN2985 Datasheet HTML 5Page - STMicroelectronics AN2985 Datasheet HTML 6Page - STMicroelectronics AN2985 Datasheet HTML 7Page - STMicroelectronics AN2985 Datasheet HTML 8Page - STMicroelectronics AN2985 Datasheet HTML 9Page - STMicroelectronics AN2985 Datasheet HTML 10Page - STMicroelectronics AN2985 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AN2985
STEVAL-IFP010V3 demonstration board
Doc ID 15716 Rev 2
7/19
Table 1.
STEVAL-IFP010V3 electrical characteristics
Parameter
Value
Comments
Min
Typ
Max
Operating condition
Ambient operating
temperature
85 °C
If the VNI2140J junction temperature
exceeds 180 °C, the device shuts down
Power supply
DC mains voltage range
10.5 V
36 V
DC insulated voltage
5 V
From Eval communication board
Supply current on Vdd
300 µA
All channels are OFF
1.9 mA
3.8 mA
All channels are ON, VIN = 5 V
Output stage
Output channel (on)
current limitation
1 A
2 A
Internally limited
VCC = 24 V;
RLOAD < 10 m
Ω
dV/dt (on)
Turn-on voltage slope
3 V/µs
IOUT = 0.5 A, resistive load
dV/dt (off)
Turn-off voltage slope
4 V/µs
IOUT = 0.5 A, resistive load
Demagnetization protection
Output voltage
on inductive turn-off
VCC-45
VCC-50
VCC-52
IOUT = 0.5 A;
LLOAD >= 1 mH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com