Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2985 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2985
Description  The STEVAL-IFP010V3 demonstration board has been developed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2985 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2985 Datasheet HTML 6Page - STMicroelectronics AN2985 Datasheet HTML 7Page - STMicroelectronics AN2985 Datasheet HTML 8Page - STMicroelectronics AN2985 Datasheet HTML 9Page - STMicroelectronics AN2985 Datasheet HTML 10Page - STMicroelectronics AN2985 Datasheet HTML 11Page - STMicroelectronics AN2985 Datasheet HTML 12Page - STMicroelectronics AN2985 Datasheet HTML 13Page - STMicroelectronics AN2985 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
STEVAL-IFP010V3 demonstration board
AN2985
10/19
Doc ID 15716 Rev 2
1.5.2
STEVAL-IFP010V3 connectors
The demonstration board is equipped with input and output connectors. Specifically, there
are two input header connectors (J5 and J1), one two-channel output channel connector
(M1) and a supply voltage connector (M2).
Both input connectors, J5 and J1, provide the same bidirectional signals guaranteeing the
maximum compatibility with existing STMicroelectronics tools such as the industrial
communication board (see AN2451) and similar products.
Figure 6.
J1 connector pinout
Figure 7.
J5 connector pinout
1.5.3
STEVAL-IFP010V3 thermal management
The STEVAL-IFP010V3 PCB has two heatsinks: approximately 2 sq. cm on the top layer
and 3 sq.cm on the bottom layer, thermally interconnected through 9 vias, as shown in
Figure 8. In a steady-state condition low RDS(on) ensures a very low dissipation but, in
current limitation and in fast demagnetization, the power dissipation is much higher,
requiring a low thermal resistance through the device exposed tab, soldering space, top
layer, vias and bottom layer path. A 25 µm copper (10 oz/sq. ft) thickness and 0.3 mm
diameter for the vias are used according to EIA/JESd51-5.
Table 2.
J1 and J5 pin descriptions
J1 - pin number
J5 - pin number
Signal
Type
11
1
Vdd
5/3.3 V supply voltage
23
2
GND
Signal ground
9
3
IN1
Input channel 1
13
4
IN2
Input channel 2
6
7
STAT1
Status channel 1
25
8
STAT2
Status channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com