Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2985 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN2985
Description  The STEVAL-IFP010V3 demonstration board has been developed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2985 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2985 Datasheet HTML 11Page - STMicroelectronics AN2985 Datasheet HTML 12Page - STMicroelectronics AN2985 Datasheet HTML 13Page - STMicroelectronics AN2985 Datasheet HTML 14Page - STMicroelectronics AN2985 Datasheet HTML 15Page - STMicroelectronics AN2985 Datasheet HTML 16Page - STMicroelectronics AN2985 Datasheet HTML 17Page - STMicroelectronics AN2985 Datasheet HTML 18Page - STMicroelectronics AN2985 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AN2985
STEVAL-IFP010V3 bill of material
Doc ID 15716 Rev 2
15/19
Appendix A
STEVAL-IFP010V3 bill of material
Table 6.
STEVAL-IFP010V3 bill of material
Designator
Part type
Description
C1
10 nF
Ceramic capacitor
C2
10 nF
Ceramic capacitor
C3
100 nF
Ceramic capacitor
C4
47 µF 50 V
Electrolytic capacitor
C5
4.7 nF
Ceramic capacitor
C6
4.7 nF
Ceramic capacitor
D1
SM15T39AC
ST Transil™ diode
DL1
LED
LED
DL2
LED
LED
IC1
VNI2140J
ST high-side driver IC
IC2
TLP281F
Opto-coupler
IC3
TLP281F
Opto-coupler
IC4
TLP281F
Opto-coupler
IC5
TLP281F
Opto-coupler
J1
Header 34-pin
EVAL communication board connector
J3
GND disc. test
Jumper
J4
Vcc disc. test
Jumper
J5
Header 34-pin
14.P PLUG
M1
2-way connector
screw drive connector
M2
2-way connector
screw drive connector
R1
22 k
Ω
Resistor
R2
22 k
Ω
Resistor
R3
47 k
Ω
Resistor
R4
47 k
Ω
Resistor
R5
1 k
Ω
Resistor
R6
1 k
Ω
Resistor
R7
10 k
Ω
Resistor
R8
10 k
Ω
Resistor
R9
10 k
Ω
Resistor
R10
10 k
Ω
Resistor
R11
220 k
Ω
Resistor
R12
220 k
Ω
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com