Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2985 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2985
Description  The STEVAL-IFP010V3 demonstration board has been developed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2985 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2985 Datasheet HTML 7Page - STMicroelectronics AN2985 Datasheet HTML 8Page - STMicroelectronics AN2985 Datasheet HTML 9Page - STMicroelectronics AN2985 Datasheet HTML 10Page - STMicroelectronics AN2985 Datasheet HTML 11Page - STMicroelectronics AN2985 Datasheet HTML 12Page - STMicroelectronics AN2985 Datasheet HTML 13Page - STMicroelectronics AN2985 Datasheet HTML 14Page - STMicroelectronics AN2985 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AN2985
STEVAL-IFP010V3 demonstration board
Doc ID 15716 Rev 2
11/19
Figure 8.
STEVAL-IFP010V3 PCB copper heatsink
Figure 9 and 11 show the STEVAL-IFP010V3 temperature map with all channels
permanently switched ON, 48
Ω loads, 24 V supply voltage and ambient temperature of
25 °C.
The IC temperature increase is only about a few degrees.
Figure 10 and 12 show a similar
map when the IC is cycling at 1 Hz, 50% duty cycle, 48
Ω, 1.2 H loads, 24 V supply voltage
and ambient temperature of 25 °C.
In particular
Figure 11 and 12 show a 3D thermal modelization of the device.
Figure 9.
Thermal map in steady-state
condition
Figure 10.
Thermal map in demagnetization
condition (1 Hz repetitive cycling on
1.2 H 48
Ω load)
Figure 11.
Steady-state thermal behavior, 3D
simulation
Figure 12.
Repetitive demagnetization thermal
behavior, 3D simulation (1 Hz
repetitive cycling on 48
Ω 1.2 H
load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com