Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3011 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 19Page - STMicroelectronics AN3011 Datasheet HTML 20Page - STMicroelectronics AN3011 Datasheet HTML 21Page - STMicroelectronics AN3011 Datasheet HTML 22Page - STMicroelectronics AN3011 Datasheet HTML 23Page - STMicroelectronics AN3011 Datasheet HTML 24Page - STMicroelectronics AN3011 Datasheet HTML 25Page - STMicroelectronics AN3011 Datasheet HTML 26Page - STMicroelectronics AN3011 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
AN3011
Efficiency
Doc ID 16043 Rev 1
23/37
Figure 22.
Efficiency vs AC input voltage when the input power is 1 W
3.2
Test equipment and measurement of efficiency and input
power
The converter input power was measured using a wattmeter. The wattmeter
contemporaneously measures converted input current (using its internal ammeter) and
voltage (using its internal voltmeter). The wattmeter is a digital instrument, therefore, it
samples the current and voltage and converts them into digital form. The digital samples are
then multiplied giving the instantaneous measured power. The sampling frequency is in the
range of 20 kHz (or higher depending on the instrument used). The display provides the
average measured power, averaging the instantaneous measured power.
Figure 23
shows how the wattmeter is connected to the UUT (unit under test) and to the AC
source and the wattmeter internal block diagram.
An electronic load was connected to the output of the power converter (UUT) sinking the
load current. The electronic load also measures the load current. A voltmeter was used in
order to measure the output voltage of the power converter.
Once the input power and the output power can be measured, the efficiency in different
operating conditions can be calculated by properly setting the AC source output voltage and
the current sourced by the electronic load.
3.2.1
Measuring input power notes
With reference to Figure 23, the UUT input current causes a voltage drop across the
ammeter internal shunt resistance (the ammeter is not ideal so it has an internal resistance
higher than zero) and across the cables that connect the wattmeter to the UUT.
If the switch of Figure 23 is in position 1 (see also the simplified scheme of Figure 24) this
voltage drop causes an input measured voltage higher than the input voltage at the UUT
input which, of course, affects the measured power. The voltage drop is generally negligible
if the UUT input current is low (for example, when measuring the input power of UUT in low-
load condition). In the case of high UUT input current the voltage drop can be relevant
(compared to the UUT real input voltage) and therefore, if this is the case, the switch in
Figure 23
can be changed to position 2 (see simplified scheme of Figure 25) where the UUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com