Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3011 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 28Page - STMicroelectronics AN3011 Datasheet HTML 29Page - STMicroelectronics AN3011 Datasheet HTML 30Page - STMicroelectronics AN3011 Datasheet HTML 31Page - STMicroelectronics AN3011 Datasheet HTML 32Page - STMicroelectronics AN3011 Datasheet HTML 33Page - STMicroelectronics AN3011 Datasheet HTML 34Page - STMicroelectronics AN3011 Datasheet HTML 35Page - STMicroelectronics AN3011 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Efficiency
AN3011
32/37
Doc ID 16043 Rev 1
Figure 36.
Brown-out protection, internal block diagram
The current hysteresis provides an additional degree of freedom. It is possible to set the ON
threshold and the OFF threshold for the flyback input voltage separately by properly
choosing the external divider resistors. The following relationships can be established for the
ON (VIN_ON) and OFF (VIN_OFF) thresholds of the input voltage:
Equation 2
Equation 3
Where IBRhyst=10 µA (typ.) is the current hysteresis, VBRhyst=50 mV (typ.) is the voltage
hysteresis and VBRth=450 mV (typ.) is the brown-out comparator internal reference.
One purpose of this protection is to stop operation of the converter when the line voltage is
too low, avoiding too high root mean square current value flowing inside the main switch an
then its overheating. Another purpose is to avoid a false restart of the converter and then
Figure 34.
J7 jumper setting. Brown-out
disabled
Figure 35.
J7 jumper setting. Brown-out
enabled
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
=
L
L
H
BRth
OFF
_
IN
R
R
R
V
V
()
BRhyst
H
L
L
H
BRhyst
BRth
ON
_
IN
I
R
R
R
R
V
V
V
⋅
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com