Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3011 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 27Page - STMicroelectronics AN3011 Datasheet HTML 28Page - STMicroelectronics AN3011 Datasheet HTML 29Page - STMicroelectronics AN3011 Datasheet HTML 30Page - STMicroelectronics AN3011 Datasheet HTML 31Page - STMicroelectronics AN3011 Datasheet HTML 32Page - STMicroelectronics AN3011 Datasheet HTML 33Page - STMicroelectronics AN3011 Datasheet HTML 34Page - STMicroelectronics AN3011 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AN3011
Efficiency
Doc ID 16043 Rev 1
31/37
Except for the no-load condition, the variation with load and line is very low ([6.731 V; 6.786
V],
ΔV
OUT_OVP = 55 mV less then 1% of variation); including the values in the no-load
condition ([6.731 V; 7.035 V],
ΔV
OUT_OVP = 304 mV less then 5% of variation).
Considering a 10% precision of the OVP threshold in the CONT pin ([2.7 V; 3.3 V]), using as
ROVP and RLIM 1% precision resistances and with a turn ratio between the secondary and
auxiliary windings which has a precision of 5%, and considering a large production, it is
possible to fix the output overvoltage at 25% over the nominal output voltage, making sure
that the OVP protection is not erroneously activated.
It is possible to not implement this protection, if it is not necessary, by not mounting the D2
diode and the R14 resistor. Therefore if OVP protection is not required, the total number of
components can be reduced.
3.6
Brown-out protection
Brown-out protection is basically an unlatched device shutdown function with a typical use
of sensing mains undervoltage or the main unplug. The VIPer27 has a dedicated pin (BR,
pin 5) for this function, which must be connected to the DC HV bus. If protection is not
required, it can be disabled by connecting the pin to ground. In the converter presented
here, brown-out protection is implemented but can be disabled by changing the J7 jumper
setting (see schematic in Figure 2). The settings of the J7 jumper are shown in Figure 34
and 35. The converter's shutdown is accomplished by means of an internal comparator,
internally referenced to 450 mV (typ, VBRth), which disables the PWM if the voltage applied
at the BR pin is below the internal reference (as shown in Figure 36). PWM operation is re-
enabled as the BR pin voltage is more than 450 mV plus 50 mV of voltage hysteresis that
ensures noise immunity. The brown-out comparator is also provided with current hysteresis.
An internal 10 µA current generator is ON as long as the voltage applied at the brown-out
pin is below 450 mV and OFF if the voltage exceeds 450 mV plus the voltage hysteresis.
230
7.029
6.735
6.760
6.752
265
7.035
6.786
6.765
6.762
Table 21.
Overvoltage protection activation level test results (continued)
VOUT_OVP (V)
VIN
(VRMS)
Load
No-load
25% of load
Half-load (1.1 A)
Full-load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com