Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3011 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 25Page - STMicroelectronics AN3011 Datasheet HTML 26Page - STMicroelectronics AN3011 Datasheet HTML 27Page - STMicroelectronics AN3011 Datasheet HTML 28Page - STMicroelectronics AN3011 Datasheet HTML 29Page - STMicroelectronics AN3011 Datasheet HTML 30Page - STMicroelectronics AN3011 Datasheet HTML 31Page - STMicroelectronics AN3011 Datasheet HTML 32Page - STMicroelectronics AN3011 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AN3011
Efficiency
Doc ID 16043 Rev 1
29/37
3.5
Output overvoltage protection
Output overvoltage protection is implemented, monitoring the voltage across the auxiliary
winding during the MOSFET off time, through the D2 diode and the R3 and R14 resistor
dividers (see schematic of Figure 31) connected to the CONT pin of the VIPer27. If the
voltage on the CONT pin exceeds the VOVP thresholds (3 V typ.), VIPer assumes an
overvoltage event and the power section is no longer allowed to be switched-on. To re-
enable operation, the VDD voltage has to be recycled. In order to provide high noise
immunity and avoid spikes erroneously tripping the protection, a digital filter was
implemented so the CONT pin must sense a voltage higher than VOVP for four consecutive
cycles before it stops operation (see device datasheet for details).
Figure 31.
OVP circuit
The value of the output voltage when the protection must be tripped can be properly fixed by
selecting the R3 and R14 resistor dividers. When R3 is selected, considering the maximum
power that the converter must manage, R14 output must be selected, according to the
formula:
Equation 1
The protection was tested by shorting the voltage reference pin of the TS431 device (pin 3
of VR1 in the schematic) with pin 2 of the same device during converter operation. In this
way the converter operates in open loop and delivers the maximum power possible to
output. The excess of power, in respect to the maximum load, charges the output
capacitance increasing the output voltage, as the OVP is tripped and the converter stops
working.
In Figure 32 it is possible to see that the output voltage increases, and as it reaches the
value of 5.58 V the converter stops switching. In the same figure the CONT pin voltage
(Ch3, fuchsia waveform) and the drain current (Ch4 green waveform) are shown (see
Figure 32
and 33). The crest value of the CONT pin voltage tracks the output voltage.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
−
⋅
⋅
=
V
3
V
V
N
N
V
3
R
R
)
2
D
_(
ovp
D
_
drop
OVP
_
OUT
s
AUX
)
2
R
_(
LIM
)
14
R
_(
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com