Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3093 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 9Page - STMicroelectronics AN3093 Datasheet HTML 10Page - STMicroelectronics AN3093 Datasheet HTML 11Page - STMicroelectronics AN3093 Datasheet HTML 12Page - STMicroelectronics AN3093 Datasheet HTML 13Page - STMicroelectronics AN3093 Datasheet HTML 14Page - STMicroelectronics AN3093 Datasheet HTML 15Page - STMicroelectronics AN3093 Datasheet HTML 16Page - STMicroelectronics AN3093 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN3093
Efficiency and no-load measurements
Doc ID16539 Rev 1
13/29
significantly reduces the average switching frequency of the converter, when light loaded or
completely no-loaded.
As the output voltage is sensed through the auxiliary winding just at the end of the
secondary demagnetization, rendering the IC is blind to the output voltage between one
switching cycle and the next, the switching frequency cannot be reduced below the
minimum restart time, TRESTART, fixed at 500 µs (typical value).
Let's calculate the minimum input power consumption when the IC works at minimum restart
frequency:
Equation 1
where (VSENSE_M/RSENSE) is the peak drain current during burst mode (VSENSE_M =
140 mV internally defined).
Neglecting the losses through the input bridge rectifier, the input capacitor leakage current
losses and the conduction losses, the primary side losses can be calculated as follows:
Equation 2
where PBIAS = VCC x IQ is the consumption of the IC (the quiescent current, IQ, is 1 mA
typical value), PSW represents the switching losses and PSNUBBER are the losses through
the RCD snubber connected to the drain.
If PIN(MIN) > PPRI, the residual energy is transferred to the secondary side and it must be
dissipated through a dummy load in order to avoid an increase in the output voltage. In this
case, the bleeder resistor can be calculated as following:
Equation 3
However, if PIN(MIN) = PPRI the dummy load can be removed.
Since most of the time PPRI is lower than PIN(MIN), the above consideration shows that input
power reduction can be achieved by reducing Equation 1 so that the RBLEDEER can be
increased in accordance with Equation 3.
Design optimization
The sense resistor RSENSE sets the constant current value together with transformer's
primary-to-secondary turn ratio (see Section A.2), but also defines the minimum input power
consumption according to Equation 4.
P
IN MIN
()
1
2
---
L
P
V
SENSE M
R
SENSE
---------------------------
⎝⎠
⎜⎟
⎛⎞
2
1
T
RESTART
--------------------------
×
×
×
=
P
PRI
P
BIAS
P
SW
P
SNUBBER
++
=
R
BLEEDER
V
OUT
2
1
2
---
L
P
V
SENSE M
R
SENSE
---------------------------
⎝⎠
⎜⎟
⎛⎞
2
1
T
RESTART
--------------------------
×
×
×
P
PRI
-------------------------------------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com