Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3093 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 19Page - STMicroelectronics AN3093 Datasheet HTML 20Page - STMicroelectronics AN3093 Datasheet HTML 21Page - STMicroelectronics AN3093 Datasheet HTML 22Page - STMicroelectronics AN3093 Datasheet HTML 23Page - STMicroelectronics AN3093 Datasheet HTML 24Page - STMicroelectronics AN3093 Datasheet HTML 25Page - STMicroelectronics AN3093 Datasheet HTML 26Page - STMicroelectronics AN3093 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN3093
Modes of operation
Doc ID16539 Rev 1
23/29
Appendix A
Modes of operation
A.1
Constant voltage operation
The IC is specifically designed to work in primary regulation and the output voltage is
sensed through a voltage partition of the auxiliary winding, just before the auxiliary rectifier
diode.
Figure 21 shows the internal schematic of the constant voltage mode and the external
connections.
Figure 21.
Voltage control principle: internal schematic
In order to achieve a tight output regulation, the signal on the ZCD/FB pin is sampled and
held at the end of the transformer demagnetization to obtain an accurate image of the output
voltage, and it is compared with the error amplifier internal reference.
The internal error amplifier delivers an output current proportional to the voltage imbalance
of the two outputs: the output generates the control voltage that is compared with the
voltage across the sense resistor, thus modulating the cycle-by-cycle peak drain current.
The output voltage can be set by choosing RFB according to Equation 4:
Equation 4
Where nSEC and nAUX are the secondary and auxiliary number of turns, respectively.
The RZCD value can be defined based on the application parameters and can be calculated
according to Equation 6.
R
FB
V
REF
n
AUX
n
SEC
-------------
V
OUT
V
REF
×
------------------------------------------------------
R
ZCD
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com