Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3093 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 21Page - STMicroelectronics AN3093 Datasheet HTML 22Page - STMicroelectronics AN3093 Datasheet HTML 23Page - STMicroelectronics AN3093 Datasheet HTML 24Page - STMicroelectronics AN3093 Datasheet HTML 25Page - STMicroelectronics AN3093 Datasheet HTML 26Page - STMicroelectronics AN3093 Datasheet HTML 27Page - STMicroelectronics AN3093 Datasheet HTML 28Page - STMicroelectronics AN3093 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AN3093
Modes of operation
Doc ID16539 Rev 1
25/29
Figure 23.
Constant current operation: switching cycle waveforms
A.3
Current comparator speed
The propagation delay of the internal current comparator used in the CC control block
causes the MOSFET to be switched off with a peak current higher than the theoretical value:
this current overshoot is dependent on the input voltage and introduces an error in the
calculated CC setpoint, rendering Equation 5 no longer valid.
In order to make the cycle-by-cycle current limitation and the CC setpoint almost
independent of the input voltage, a feed-forward function has been implemented, according
the schematic in Figure 24.
During the MOSFET's ON-time, the current sourced from the ZCD/FB pin is mirrored inside
the “feed-forward logic” block to provide the feed-forward current, IFF.
This feed-forward current is proportional to the input voltage and provides an offset on the
current sense to compensate the propagation delay of the current comparator.
In order to achieve full compensation, the RZCD resistor should be selected based on the
following equation:
Equation 6
R
ZCD
n
AUX
n
PRI
-------------
L
P
R
FF
×
T
d
R
SENSE
×
----------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com