Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3093 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 18Page - STMicroelectronics AN3093 Datasheet HTML 19Page - STMicroelectronics AN3093 Datasheet HTML 20Page - STMicroelectronics AN3093 Datasheet HTML 21Page - STMicroelectronics AN3093 Datasheet HTML 22Page - STMicroelectronics AN3093 Datasheet HTML 23Page - STMicroelectronics AN3093 Datasheet HTML 24Page - STMicroelectronics AN3093 Datasheet HTML 25Page - STMicroelectronics AN3093 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Conclusion
AN3093
22/29
Doc ID16539 Rev 1
6
Conclusion
A 5 W CV-CC optoless adapter demonstration board using the ALTAIR05T-800 device was
presented and the results show that very good performance can be obtained using this new
device.
The unique “all-primary sensing” feedback for both constant voltage and constant current
eliminates the need for the optocoupler, the secondary voltage reference, as well as the
current sensor, making the IC suitable for AC-DC chargers for mobile phones and other
portable equipment, as well as any adapter requiring tight tolerance from both CV and CC
regulation.
The ALTAIR05T-800 is capable of meeting the most restrictive worldwide standards for
efficiency and power consumption at no-load.
The embedded protection features of this new device and the 800 V power section
considerably increase the safety and reliability of the end product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com