Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3106 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3106 Datasheet HTML 9Page - STMicroelectronics AN3106 Datasheet HTML 10Page - STMicroelectronics AN3106 Datasheet HTML 11Page - STMicroelectronics AN3106 Datasheet HTML 12Page - STMicroelectronics AN3106 Datasheet HTML 13Page - STMicroelectronics AN3106 Datasheet HTML 14Page - STMicroelectronics AN3106 Datasheet HTML 15Page - STMicroelectronics AN3106 Datasheet HTML 16Page - STMicroelectronics AN3106 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AN3106
Functional check
Doc ID 16775 Rev 2
13/34
4.2
Half-bridge resonant LLC circuit
The following figures show waveforms relevant to the resonant stage during steady-state
operation. The resonant stage switching frequency is about 100 kHz, in order to have
a good trade-off between transformer losses and dimensions.
The LLC converter has been designed to operate at nominal voltage and full load at the
resonance frequency, but due to the PFC output voltage ripple at twice the mains frequency,
it is driven slightly above and below the resonant tank frequency, according to the
instantaneous value of the PFC output voltage.
In Figure 17 some waveforms relevant to the resonant stage ZVS operation are shown. We
note that both MOSFETs are turned on when resonant current is flowing through their body
diodes and drain-source voltage is almost zero, thus achieving good efficiency because the
turn-on losses are negligible. The HB MOSFET voltage de-rating and low operating
temperature allow increasing the board’s MTBF.
The current flowing in the resonant tank is sinusoidal. In Figure 17 we note a slight
asymmetry of operating modes by each half portion of the sine wave. The half cycle is
working at resonant frequency while the other one is working above the resonant frequency.
This is due to a small difference between each half-secondary leakage inductance of the
transformer reflected to the primary side, providing the two slightly different resonant
frequencies. This phenomenon is typically due to a different coupling of the transformer
secondary windings and, in this case, it is not an issue. The slight asymmetry is also visible
in Figure 18 where the small ringing appearing on both secondary rectifiers anode voltage
indicates that for a short time the rectifiers are not conducting. This demonstrates that
during the half cycle the circuit is working below the resonant frequency, while during the
following half cycle it is working at the resonant frequency.
In Figure 18 we also note the rectifier operating voltage and its margin with respect to the
maximum reverse voltage (VRRM). This de-rating with respect to the rectifiers VRRM
guarantees good reliability of the output rectifiers, increasing the board’s total MTBF.
In Figure 19 the high-frequency ripple has been measured. As visible the ripple and noise at
switching frequency is very limited, thanks to the low EMI generated by both stages. In
Figure 17.
EVL130W-STRLIG demonstration
board: primary side LLC waveforms
at 115 V - 60 Hz - full load
Figure 18.
EVL130W-STRLIG demonstration
board: secondary side LLC
waveforms at 230 V- 50 Hz - full load
CH1: HB voltage
CH2: CF pin voltage
CH3: VCC
CH4: res. tank current
CH1: V_D12
CH2: V_D12
CH3: VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com