Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3106 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3106 Datasheet HTML 26Page - STMicroelectronics AN3106 Datasheet HTML 27Page - STMicroelectronics AN3106 Datasheet HTML 28Page - STMicroelectronics AN3106 Datasheet HTML 29Page - STMicroelectronics AN3106 Datasheet HTML 30Page - STMicroelectronics AN3106 Datasheet HTML 31Page - STMicroelectronics AN3106 Datasheet HTML 32Page - STMicroelectronics AN3106 Datasheet HTML 33Page - STMicroelectronics AN3106 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
AN3106
Transformer specifications
Doc ID 16775 Rev 2
31/34
9
Transformer specifications
General description and characteristics
●
Application type: consumer, home appliance
●
Transformer type: open
●
Coil former: horizontal type, 7 + 7 pins, two slots
●
Max. temp. rise: 45 °C
●
Max. operating ambient temperature: 60 °C
●
Mains insulation: acc. with EN60950
Electrical characteristics
●
Converter topology: half-bridge, resonant
●
Core type: ETD34-PC44 or equivalent
●
Min. operating frequency: 70 kHz
●
Typical operating frequency: 100 kHz
●
Primary inductance: 770 µH ± 15% at 1 kHz - 0.25 V(a)
●
Leakage inductance: 170 µH at 100 kHz - 0.25 V(b)
Electrical diagram and winding characteristics
Figure 39.
Transformer electrical diagram
a.
Measured between pins 2-4.
b.
Measured between pins 2-4 with only one secondary winding shorted. Difference between the two measured
leakage inductances has to be < 10%.
Table 6.
Transformer winding data
Pins
Winding
RMS current
Number of turns
Wire type
2-4
Primary
1 ARMS
47
#30 x 0.1 mm - G2
8-10
Sec. - A(1)
1.
Secondary windings A and B have to be wound in parallel.
0.05 ARMS
9
#60 x 0.1 mm - G2
12-14
Sec. - B4(1)
2.2 ARMS
9
#60 x 0.1 mm - G2
6-7
Aux.(2)
2.
Aux. winding is wound on top of primary winding, turns are close each other, placed on external side of the
coil former.
2.2 ARMS
3
0.28 mm - G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com