Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3106 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3106 Datasheet HTML 1Page - STMicroelectronics AN3106 Datasheet HTML 2Page - STMicroelectronics AN3106 Datasheet HTML 3Page - STMicroelectronics AN3106 Datasheet HTML 4Page - STMicroelectronics AN3106 Datasheet HTML 5Page - STMicroelectronics AN3106 Datasheet HTML 6Page - STMicroelectronics AN3106 Datasheet HTML 7Page - STMicroelectronics AN3106 Datasheet HTML 8Page - STMicroelectronics AN3106 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
AN3106
Main characteristics and circuit description
Doc ID 16775 Rev 2
5/34
1
Main characteristics and circuit description
The main features of the SMPS are listed here below:
●
Extended input mains range: 85 to 305 VAC - frequency 45 to 55 Hz
●
Output voltage: 48 V at 2.7 A
●
Long-life, electrolytic capacitors are not used
●
Mains harmonics: acc. to EN61000-3-2 Class-C
●
Efficiency at full load: better than 90% at 115 VAC
●
EMI: according to EN55022-Class-B, EN55015
●
Safety: double insulation, according to EN60950, SELV
●
Dimensions: 75 x 135 mm, 30 mm components maximum height
●
PCB: single side, 35 µm, FR-4, mixed PTH/SMT
1.1
Power Factor corrector
The PFC stage, working in transition mode, acts as a preregulator and powers the resonant
stage with the output voltage of 450 V. The PFC power topology is a conventional boost
converter, connected to the output of the rectifier bridge D3. It is completed by the coil L1,
manufactured by MAGNETICA, the diode D2 and the capacitors C5, C6 and C7 in parallel.
The PFC output capacitors are film type, 5 µF - 800 V manufactured by EPCOS. Using film
capacitors to replace the typical electrolytic capacitors allows increasing considerably the
MTBF of the board.
The boost switch is represented by the power MOSFET Q2. The board is equipped with an
input EMI filter necessary to filter the commutation noise coming from the boost stage. The
PFC implements the controller L6562AT, a small and inexpensive controller that is
guaranteed for operation over a wide temperature range.
At startup, the L6562AT is supplied by the startup resistors R5, R8, R13 charging the
capacitor C13. Once the PFC begins switching, a charge pump connected to the auxiliary
winding of the PFC inductor L1 supplies both PFC and resonant controllers via a small
linear regulator implemented by Q1. Once both stages have been activated, the controllers
are supplied also by the auxiliary winding of the resonant transformer, assuring correct
supply voltage during operation of all load conditions. The L1 auxiliary winding is also
connected to the L6562AT pin #5 (ZCD) through the resistor R18. Its purpose is to provide
the information that L1 has demagnetized, needed by the internal logic for triggering a new
switching cycle. The PFC boost peak current is sensed by resistors R33 and R34 in series
to the MOSFET source. The signal is fed into pin #4 (CS) of the L6562AT, via the filter R27
and C16.
The divider R7, R12, R14 and R22 provides the L6562AT multiplier with the information of
the instantaneous mains voltage that is used to modulate the peak current of the boost.
The resistors R2, R6, R9 with R15 and R16 are dedicated to sense the output voltage and
feed to the L6562AT the feedback information necessary to maintain the output voltage
regulated. The components C11, R20 and C12 constitute the error amplifier compensation
network necessary to keep the required loop stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com