Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3106 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3106 Datasheet HTML 25Page - STMicroelectronics AN3106 Datasheet HTML 26Page - STMicroelectronics AN3106 Datasheet HTML 27Page - STMicroelectronics AN3106 Datasheet HTML 28Page - STMicroelectronics AN3106 Datasheet HTML 29Page - STMicroelectronics AN3106 Datasheet HTML 30Page - STMicroelectronics AN3106 Datasheet HTML 31Page - STMicroelectronics AN3106 Datasheet HTML 32Page - STMicroelectronics AN3106 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
AN3106
PFC coil specifications
Doc ID 16775 Rev 2
29/34
●
Primary winding external insulation: 2 layers of polyester tape
●
Aux. winding is wound on top of primary winding
●
External insulation: 2 layers of polyester tape
●
Wire connected to pin 5 is insulated by sleeve
Mechanical aspect and pin numbering
●
Maximum height from PCB: 29 mm
●
Coil former type: vertical, 6 + 6 pins (pins #1, 2, 4, 6, 7, 10, 12 are removed)
●
Pin distance: 3.81 mm
●
Row distance: 25 mm
●
Coil former P/N: TDK BPQ26/25-1112CP
●
External copper shield: not insulated, wound around the ferrite core and including the
coil former. Height is 8 mm. Connected to pin #3 by a soldered solid wire.
Table 5.
PFC coil winding data
Pins
Windings
Number of turns
Wire type
11 - 3
Aux.
6
0.28 mm - G2
5 - 9
Primary
62
Multistrand #7x 0.28 mm - G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com