Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3118 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3118
Description  250 W transition-mode PFC pre-regulator with the new L6563H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3118 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3118 Datasheet HTML 5Page - STMicroelectronics AN3118 Datasheet HTML 6Page - STMicroelectronics AN3118 Datasheet HTML 7Page - STMicroelectronics AN3118 Datasheet HTML 8Page - STMicroelectronics AN3118 Datasheet HTML 9Page - STMicroelectronics AN3118 Datasheet HTML 10Page - STMicroelectronics AN3118 Datasheet HTML 11Page - STMicroelectronics AN3118 Datasheet HTML 12Page - STMicroelectronics AN3118 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN3118
Bill of material
Doc ID 16847 Rev 2
9/31
R32
100
Ω
0805
SMD STD film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
R33
51 k
Ω
0805
SMD STD film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
R4
2.2
Ω
1206
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R6
1M0
1206
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R7
1M0
1206
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R8
2.2 M
Ω
1206
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
R9
62 k
Ω
0805
SMD STD film res - 1/4 W - 1 % - 100 ppm/°C
VISHAY
RX1
0R0
1206
SMD STD film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
RX3
47
Ω
1206
SMD STD film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
RX4
0R0
1206
SMD STD film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
U1
L6563H
SO16
HV startup TM PFC controller
STMicroelectronics
Z1
PCB REV. 1
Table 1.
EVL6563H-250W TM PFC bill of material (continued)
Des.
Part type/
part value
Case style/
package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com