Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3118 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3118
Description  250 W transition-mode PFC pre-regulator with the new L6563H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3118 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3118 Datasheet HTML 17Page - STMicroelectronics AN3118 Datasheet HTML 18Page - STMicroelectronics AN3118 Datasheet HTML 19Page - STMicroelectronics AN3118 Datasheet HTML 20Page - STMicroelectronics AN3118 Datasheet HTML 21Page - STMicroelectronics AN3118 Datasheet HTML 22Page - STMicroelectronics AN3118 Datasheet HTML 23Page - STMicroelectronics AN3118 Datasheet HTML 24Page - STMicroelectronics AN3118 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AN3118
Test results and significant waveforms
Doc ID 16847 Rev 2
21/31
The event of an open-loop is shown in Figure 32 and 33; notice the protection intervention
latching the operation of the L6563H. In order to keep the L6563H latched after the open-
loop detection, in Figure 33 it is possible to note the activation of the HVS circuit, it’s
necessary to keep the L6563H correctly supplied, sustaining the Vcc value above the
Vccrestart voltage. As mentioned previously, to restart the system it is necessary to recycle
the input power. The connection of the HVS pin after the rectifier bridge allows a faster
restart in the case of latch than connecting the pin to the bulk capacitor. In that case, in fact,
to restart the operation it is necessary to wait the time needed by the HVS to discharge the
bulk below the minimum start voltage of the HVS pin (VHVstart on the data sheet) before the
Vcc drops below the Vccrestart to resume the operation.
Figure 31.
EVL6563H-250W load transient at 115 Vac - 60 Hz - full load to no-load
CH1: PFC output voltage,
CH2: PFC_OK (pin #7),
CH3: gate drive (pin #15),
CH4: Iout
Figure 32.
EVL6563H-250W TM PFC: open=-
loop at 115 Vac - 60 Hz - full load
Figure 33.
EVL6563H-250W TM PFC: open-
loop at 115 Vac - 60 Hz - full load -
long acquisition
CH1: PFC output voltage, CH2: Vcc (pin #16)
CH3: gate drive (pin #15)
CH4: PWM_LATCH (pin#8)
CH1: PFC output voltage, CH2: Vcc (pin #16)
CH3: gate drive (pin #15)
CH4: PWM_LATCH (pin#8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com