Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3118 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3118
Description  250 W transition-mode PFC pre-regulator with the new L6563H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3118 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3118 Datasheet HTML 9Page - STMicroelectronics AN3118 Datasheet HTML 10Page - STMicroelectronics AN3118 Datasheet HTML 11Page - STMicroelectronics AN3118 Datasheet HTML 12Page - STMicroelectronics AN3118 Datasheet HTML 13Page - STMicroelectronics AN3118 Datasheet HTML 14Page - STMicroelectronics AN3118 Datasheet HTML 15Page - STMicroelectronics AN3118 Datasheet HTML 16Page - STMicroelectronics AN3118 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN3118
Test results and significant waveforms
Doc ID 16847 Rev 2
13/31
Figure 15.
EVL6563H-250W TM PFC: static Vout regulation vs. output power
The measured output voltage at different line and load conditions is reported in Figure 15.
As shown, the voltage is very stable over all the input voltage and output load range.
4.2
MOSFET current, TM signals, and L6563H THD optimizer
In the following images the waveforms relevant to the switch current at 100 Vac voltage
mains are reported; in Figure 16 and 17 it can be noted that the current peaks in the two
MOSFETs in parallel are very close to each other, demonstrating perfect current sharing
between the two devices. The two MOSFETs in parallel allow the total thermal resistance
junction-heat sink to decrease, therefore the same peak current can be managed using two
smaller and cheaper MOSFETs instead of one bigger one.
In Figure 16, close to the zero crossing points of the sinewave, it is possible to note the
action of the THD optimizer embedded in the L6563H. It is a circuit which minimizes the
conduction dead-angle occurring to the AC input current near the zero-crossings of the line
voltage (crossover distortion). In this way, the THD of the current is considerably reduced. A
major cause of this distortion is the inability of the system to transfer energy effectively when
the instantaneous line voltage is very low. This effect is magnified by the high frequency filter
capacitor placed after the bridge rectifier, which retains some residual voltage that causes
the diodes of the bridge rectifier to be reverse-biased and the input current flow to
temporarily stop. To overcome this issue the device forces the PFC pre-regulator to process
more energy near the line voltage zero-crossings as compared to that commanded by the
control loop. This results in both minimizing the time interval where energy transfer is
lacking, and fully discharging the high-frequency filter capacitor after the bridge. Essentially,
the circuit artificially increases the ON-time of the power switch with a positive offset added
to the output of the multiplier in the proximity of the line voltage zero-crossings. This offset is
reduced as the instantaneous line voltage increases, so that it becomes negligible as the
line voltage moves toward the top of the sinusoid. Furthermore, the offset is modulated by
the voltage on the VFF pin so as to have little offset at low line, where energy transfer at zero
crossings is typically quite good, and a larger offset at high line where the energy transfer
worsens.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com