Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3118 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3118
Description  250 W transition-mode PFC pre-regulator with the new L6563H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3118 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3118 Datasheet HTML 18Page - STMicroelectronics AN3118 Datasheet HTML 19Page - STMicroelectronics AN3118 Datasheet HTML 20Page - STMicroelectronics AN3118 Datasheet HTML 21Page - STMicroelectronics AN3118 Datasheet HTML 22Page - STMicroelectronics AN3118 Datasheet HTML 23Page - STMicroelectronics AN3118 Datasheet HTML 24Page - STMicroelectronics AN3118 Datasheet HTML 25Page - STMicroelectronics AN3118 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Test results and significant waveforms
AN3118
22/31
Doc ID 16847 Rev 2
4.6
Power management and housekeeping functions
A special feature of the L6563H is that it facilitates the implementation of the “housekeeping”
circuitry needed to coordinate the operation of the PFC stage to that of the cascaded DC-
DC converter. The functions realized by the housekeeping circuitry ensure that transient
conditions like power-up or power-down sequencing or failures of either power stage be
properly handled. The L6563H provides some pins to do that.
As already mentioned, one communication line between the L6563H and the PWM
controller of the cascaded DC-DC converter is the PWM_LATCH pin (pin #8), which is
normally open when the PFC works properly. It goes high if the L6563H loses control of the
output voltage (because of a failure of the control loop) with the aim of also latching-off the
PWM controller of the cascaded DC-DC converter.
A second communication line can be established via the disable function included in the
RUN pin. Typically, this line is used to allow the PWM controller of the cascaded DC-DC
converter to shut down the L6563H in case of light load, to minimize the no-load input
consumption of the power supply.
Examples of intefacing some ST half-bridges controllers are shown in Figure 34.
Figure 34.
L6563H on/off control by a cascaded converter controller via PFC_OK or
RUN pin
The third communication line is the PWM_STOP pin (#11), which works in conjunction with
the RUN pin (#12). The purpose of the PWM_STOP pin is to inhibit the PWM activity of both
the PFC stage and the cascaded DC-DC converter. The pin is an open collector, normally
open, that goes low if the device is disabled by a voltage lower than 0.8 V on the RUN pin
(#12). It is important to point out that this function works correctly in systems where the PFC
stage is the master and the cascaded DC-DC converter is the slave or, in other words,
where the PFC stage starts first, powers both controllers and enables/disables the operation
of the DC-DC stage. This function is quite flexible and can be used in different ways. In
systems comprising an auxiliary converter and a main converter (e.g. desktop PC's, silver
box or hi-end flat-TVs, or monitors), where the auxiliary converter also powers the
controllers of the main converter, the RUN pin (#12) can be used to start and stop the main
converter. In the simplest case, to enable/disable the PWM controller the PWM_STOP pin
(#11) can be connected to either the output of the error amplifier or, if the chip is provided,
with it, to its soft-start pin. The EVL6563H-250W offers the possibility to test these function
by connecting it to the cascaded converter via the R30, R31, R32 series resistors.
Regarding the PWM_STOP pin (#11) which is an open collector type, if it needs a pull-up
resistor, please connect it close to the cascaded PWM for better noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com