Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3223 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 9Page - STMicroelectronics AN3223 Datasheet HTML 10Page - STMicroelectronics AN3223 Datasheet HTML 11Page - STMicroelectronics AN3223 Datasheet HTML 12Page - STMicroelectronics AN3223 Datasheet HTML 13Page - STMicroelectronics AN3223 Datasheet HTML 14Page - STMicroelectronics AN3223 Datasheet HTML 15Page - STMicroelectronics AN3223 Datasheet HTML 16Page - STMicroelectronics AN3223 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN3223
Operation modes
Doc ID 17553 Rev 2
13/29
5.5
Torch mode
This mode is intended to be used for low light intensities. The LED current in Torch mode
can be adjusted in a range from 15 mA up to 320 mA.
Torch mode is activated by writing the following data to the COMMAND register.
The TORCH DIMMING register value (TDIM) must also be set, unless it has already been
set during a previous operation. If the TDIM register is not set, then the default output
current value is at the minimum.
It is also possible to set the safety timeout for Torch mode through the TTRCH1 and
TTRCH0 bits.
If Torch mode was terminated by entering Ready or Flash mode, it can be restarted again by
writing the corresponding data to the COMMAND register only, because entering any of the
Ready and Flash modes does not influence the TDIM value. If the Torch mode was
terminated by entering Shutdown mode, then the TDIM value must be set again during
restart of Torch mode, because entering Shutdown mode clears the TDIM and TTRCH
values.
As soon as Torch mode is activated, the NTC feature is automatically activated too in order
to protect the LED against overheating. The NTC feature is activated even if the NTC_ON bit
in the COMMAND register is set to zero.
5.6
Flash mode
This mode is intended to be used for high light intensities. The LED current in Flash mode
can be adjusted up to 12 A with the input voltage ranging from 2.7 V up to 5.5 V with
recommended external components.
Table 8.
NTC feature possibilities
Operation mode
Way of activation
Voltage on the Rx-NTC divider
NTC_W, NTC_H bits
Shutdown
Manual
Available
Not set
Monitoring
Manual
Available
Not set
Idle
Manual
Available
Set
Charging
Manual
Available
Set
Flash
Automatic
Available
Set
Torch
Automatic
Available
Set
Aux LED
Manual
Available
Set
Table 9.
COMMAND register data for entering Torch mode
CMD_REG
PWR_ON FLASH_ON
TCH_ON
NTC_ON
TCHV_H
CHRG
MONTR
N/A
1
0
1
xxxx
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com