Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3223 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 21Page - STMicroelectronics AN3223 Datasheet HTML 22Page - STMicroelectronics AN3223 Datasheet HTML 23Page - STMicroelectronics AN3223 Datasheet HTML 24Page - STMicroelectronics AN3223 Datasheet HTML 25Page - STMicroelectronics AN3223 Datasheet HTML 26Page - STMicroelectronics AN3223 Datasheet HTML 27Page - STMicroelectronics AN3223 Datasheet HTML 28Page - STMicroelectronics AN3223 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AN3223
Examples of register setup for each mode
Doc ID 17553 Rev 2
25/29
10
Examples of register setup for each mode
10.1
Example 1: 10 A FLASH with 30 ms duration
The value of FDIM (3 bits) must be set to 0x7. The value of FTIM (5 bits) must be set to 0x6.
Bit PWR_ON must be set to 1.
Bit FLASH_ON must be set to 1.
Bit TCH_ON must be set to 0.
Bit NTC_ON can be set to any value, because NTC is automatically ON when Flash mode is
active. Setting this bit to 0 does not switch off the NTC.
It is necessary to write 4 bytes to the STCF04 to make a FLASH.
10.2
Example 2: 60 mA Torch with 10 s duration
The value of TDIM (4 bits) must be set to 0x4 to setup the current source to 60 mA.
Bit PWR_ON must be set to 1.
Bit FLASH_ON must be set to 0.
Bit TCH_ON must be set to 1.
Bit NTC_ON can be set to any value, because NTC is automatically ON, when Torch mode
is active. Setting this bit to 0 does not switch off the NTC.
Table 13.
COMMAND register data for entering Flash mode
CMD_REG
PWR_ON
FLASH_ON
TCH_ON
NTC_ON
TCHV_H
CHRG
MONTR
N/A
1
1
000000
MSB
LSB
Table 14.
FLASH register data
FL_REG
FTIM_4
FTIM_3
FTIM_2
FTIM_1
FTIM_0
FDIM_2
FDIM_1
FDIM_0
0
011
011
1
MSB
LSB
Table 15.
I²C data packet for activation of Flash mode
Byte
Hex
Binary
Comment
1
62
01100000
Device address + R/W bit
2
00
00000000
COMMAND register address
3
C1
11000000
Data of the COMMAND register
4
37
00110111
Data of the FLASH register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com