Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3223 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 19Page - STMicroelectronics AN3223 Datasheet HTML 20Page - STMicroelectronics AN3223 Datasheet HTML 21Page - STMicroelectronics AN3223 Datasheet HTML 22Page - STMicroelectronics AN3223 Datasheet HTML 23Page - STMicroelectronics AN3223 Datasheet HTML 24Page - STMicroelectronics AN3223 Datasheet HTML 25Page - STMicroelectronics AN3223 Datasheet HTML 26Page - STMicroelectronics AN3223 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN3223
Reading and writing to the STCF04 registers through the I²C bus
Doc ID 17553 Rev 2
23/29
9.3
Reading from a single register
The reading operation starts with a START bit followed by the 7-bit device address of the
STCF04. The 8th bit is the R/W-bit, which is 0 in this case. STCF04 confirms receipt of the
address + R/W bit by an acknowledge pulse. The address of the register which should be
read is sent and confirmed by an acknowledge pulse from the STCF04 again. Then the
master generates a START bit again and sends the device address followed by the R/W bit,
which is now 1. The STCF04 confirms receipt of the address + R/W bit by an acknowledge
pulse, and starts to send data to the master. No acknowledge pulse from the master is
required after receiving the data. Then, the master generates a STOP bit to terminate the
communication. See
Figure 15 below.
9.4
Reading from multiple registers with incremental addressing
Reading from multiple registers starts in the same way as reading from a single register. As
soon as the first register is read, the register address is automatically incremented. If the
master generates an acknowledge pulse after receiving the data from the first register, then
Figure 14.
Writing to multiple register
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
ADDRESS OF
REGISTER i
DATA i
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
DATA i+1
A
C
K
L
S
B
DATA i+2
A
C
K
L
S
B
DATA i+2
L
S
B
DATA i+n
A
C
K
M
S
B
M
S
B
M
S
B
M
S
B
M
S
B
A
C
K
L
S
B
SDA LINE
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
ADDRESS OF
REGISTER i
DATA i
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
DATA i+1
A
C
K
L
S
B
DATA i+2
A
C
K
L
S
B
DATA i+2
L
S
B
DATA i+n
A
C
K
M
S
B
M
S
B
M
S
B
M
S
B
M
S
B
A
C
K
L
S
B
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
ADDRESS OF
REGISTER i
DATA i
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
DATA i+1
A
C
K
L
S
B
DATA i+2
A
C
K
L
S
B
DATA i+2
L
S
B
DATA i+n
A
C
K
M
S
B
M
S
B
M
S
B
M
S
B
M
S
B
A
C
K
L
S
B
SDA LINE
AM07808v1
Figure 15.
Reading from a single register
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
ADDRESS
OF
REGISTER
A
C
K
M
S
B
L
S
B
S
T
A
R
T
A
C
K
R
/
W
R
E
A
D
DEVICE
ADDRESS
7 bits
DATA
L
S
B
S
T
O
P
N
O
A
C
K
SDA LINE
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
ADDRESS
OF
REGISTER
A
C
K
M
S
B
L
S
B
S
T
A
R
T
A
C
K
R
/
W
R
E
A
D
DEVICE
ADDRESS
7 bits
DATA
L
S
B
S
T
O
P
N
O
A
C
K
SDA LINE
AM07809v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com