Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3223 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3223 Datasheet HTML 1Page - STMicroelectronics AN3223 Datasheet HTML 2Page - STMicroelectronics AN3223 Datasheet HTML 3Page - STMicroelectronics AN3223 Datasheet HTML 4Page - STMicroelectronics AN3223 Datasheet HTML 5Page - STMicroelectronics AN3223 Datasheet HTML 6Page - STMicroelectronics AN3223 Datasheet HTML 7Page - STMicroelectronics AN3223 Datasheet HTML 8Page - STMicroelectronics AN3223 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN3223
Selection of external components
Doc ID 17553 Rev 2
5/29
2
Selection of external components
2.1
Input and output capacitor selection
It is recommended to use ceramic capacitors with low ESR as input and output capacitors. It
is recommended to use 10 µF / 6.3 V as a minimum value for the input capacitor, and 10 µF
/ 6.3 V as the optimal value for the output capacitor to achieve a good stability of the device,
for a supply range varying from low input voltage (2.5 V) to the maximum ratings of output
power.
Note:
See recommended components in Table 1.
2.2
Inductor selection
The STCF04 device works with the switching algorithm ILIM-ZCOM. It charges the inductor
until the current crosses the threshold for the ILIM function and then it discharges the energy
in the inductor to the output until it reaches the zero current value. Therefore, it is
recommended to use a 1 µH inductor as the minimum value, which guarantees a proper
function with the used algorithm and speed of used components in the silicon design.
Note:
See recommended components in Table 1.
2.3
LED selection
All LEDs with a forward voltage range from 2.5 V to 4.5 V are compatible with the STCF04.
The forward voltage spread of any selected LED must, however, lay within this range (2.5 V
to 4.5 V). It is possible to set the level of the LED current in Flash mode and Torch mode by
setting the dimming registers. The maximum level of the LED current in Flash mode can be
set by changing the external Flash resistor.
Note:
See recommended components in Table 1.
2.4
NTC and RX resistor selection
The STCF04 requires a negative thermistor (NTC) for sensing the LED temperature, as well
as an RX resistor and an external voltage reference in order to use the NTC feature. Please
refer to the typical application schematic in
Figure 2 for more details.
Once the NTC feature is activated, the internal switch connects the RX resistor to the NTC,
and this creates a voltage divider supplied by the external reference voltage connected to
the NTC.
If the temperature of the NTC-thermistor rises due to the heat dissipated by the LED, the
voltage on the NTC pin increases. When this voltage exceeds 0.56 V, the NTC_W bit in the
STATUS register is set to high, and the ATN pin is set to low to inform the microcontroller
that the LED is becoming hot. The NTC_W bit is cleared by reading the STATUS register.
If the voltage on the NTC pin rises further and exceeds 1.2 V, the NTC_H bit in the STATUS
register is set to high, and the ATN pin is set to low to inform the microcontroller that the LED
is too hot and the device automatically goes to Ready mode to avoid damaging the LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com