Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0581 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 9Page - STMicroelectronics UM0581 Datasheet HTML 10Page - STMicroelectronics UM0581 Datasheet HTML 11Page - STMicroelectronics UM0581 Datasheet HTML 12Page - STMicroelectronics UM0581 Datasheet HTML 13Page - STMicroelectronics UM0581 Datasheet HTML 14Page - STMicroelectronics UM0581 Datasheet HTML 15Page - STMicroelectronics UM0581 Datasheet HTML 16Page - STMicroelectronics UM0581 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
UM0581
Design details
Doc ID 14961 Rev 1
13/26
either an 8 or 16-bit data path. Here the device is configured in 16-bit MUX mode to connect
with the external hard disk.
The STR91xFA provides a USB device controller that implements both the OSI physical and
data link layers (complicated) for direct bus connection by an external USB host on pins
USBDP and USBPN.
3.4
Reset circuit
The reset signal of STR912FAW44 is an active low signal. The reset source includes
Power-on reset from STM6718TW
Reset button (SW1)
The STM6718TW supervisors are a family of low voltage/low supply current processor
supervisors, designed to monitor two (or three) system power supply voltages. The purpose
of this IC is to monitor the core voltage (1.8 V) and IO peripheral voltage (3.3 V). The reset
button (SW1) is provided to manually reset the board.
3.5
Clock source
The 25 MHz crystal is connected between the X1 and X2 pin of the microcontroller to
provide the clock to the device.
3.6
USB
The STR912FAW44 parallel interface to hard disk demonstration board supports USB 2.0
compliant full speed communication via a USB type-B connector (J11). The USBLC6-2SC6
is a monolithic application specific device dedicated to ESD protection of high speed
interfaces such as USB2.0, ethernet links and video lines. Here this device is connected
between the USB connector and microcontroller.
3.7
LED indicators
SYS-HEALTH-CHK LED (D4): This LED indicates the board is properly powered up as
well as the correct initialization of the connected hard disk.
RD-LED (D5): This LED blinks when a read operation is performed on the hard disk.
WR-LED (D6): This LED blinks when a write operation is performed on the hard disk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com