Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0581 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 17Page - STMicroelectronics UM0581 Datasheet HTML 18Page - STMicroelectronics UM0581 Datasheet HTML 19Page - STMicroelectronics UM0581 Datasheet HTML 20Page - STMicroelectronics UM0581 Datasheet HTML 21Page - STMicroelectronics UM0581 Datasheet HTML 22Page - STMicroelectronics UM0581 Datasheet HTML 23Page - STMicroelectronics UM0581 Datasheet HTML 24Page - STMicroelectronics UM0581 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
UM0581
Bill of material
Doc ID 14961 Rev 1
21/26
7
Bill of material
Table 5.
Bill of material
S.
no.
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number
Qty
1U1
L4978 switching
regulator
DIP-8
STMicroelectronics
L4978
1
2U2
LDS3985M18R low
drop low noise voltage
regulator
SOT23-5L
STMicroelectronics
LDS3985M18R
1
3U3
LD1117AS33TR low
drop voltage regulator
DPAK
STMicroelectronics LD1117AS33TR
1
4U4
L4960 power switching
regulator
Heptawatt
STMicroelectronics
L4960
1
5
U5
Microcontroller
LQFP128
STMicroelectronics
STR912FAW44
X6
1
6U6
STM6718TW ultra-low
voltage supervisors
SOT23-5 (WY)
STMicroelectronics
STM6718TWW
Y6F
1
7U7
USBLC6_2P6 very
low capacitance ESD
protection
SOT23-6L
STMicroelectronics
USBLC6-2P6
1
8Z1
TransilTM
DO-214AC
STMicroelectronics
SMAJ18A-TR
1
9D1,D3,D8
STPS3L60U (power
Schottky rectifier)
SMB
STMicroelectronics
STPS3L60U
3
10
D2,D7
STPS1L30U (low drop
power Schottky
rectifier)
SMB
STMicroelectronics
STPS1L30U
2
11
Y1
Crystal:
Q25.0-SS4-30-30/30
11.35 mm x 4.35
mm SS4
Jauch
Q 25.0-SS4-30-
30/30
1
12
SW1
Pushbutton switch
Through hole
Any
1
13
J1
CON1A
Header 2 x 20-
pin, 2.54 mm x
2.54 mm pitch
Any
1
14
J2
Header 2
Jumper 2-pin,
2.54 mm pitch
Any
1
15
J3
WAGO CONN
Through hole
Any
1
16
J4,J8,J9
CON3
Through hole
Any
3
17
J6
HDD_PW_CONN
Through hole
Any
1
18
J5
SMPS_PW_CONN
Through hole
Any
1
19
J7
POWER JACK - right
angle
14.17 x 8.96 mm
CUI
PJ-102B
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com