Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0581 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 18Page - STMicroelectronics UM0581 Datasheet HTML 19Page - STMicroelectronics UM0581 Datasheet HTML 20Page - STMicroelectronics UM0581 Datasheet HTML 21Page - STMicroelectronics UM0581 Datasheet HTML 22Page - STMicroelectronics UM0581 Datasheet HTML 23Page - STMicroelectronics UM0581 Datasheet HTML 24Page - STMicroelectronics UM0581 Datasheet HTML 25Page - STMicroelectronics UM0581 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Bill of material
UM0581
22/26
Doc ID 14961 Rev 1
20
J11
USB_CON
USB type B
Any
1
21
J12
CON20 (JTAG
connector header)
Right angle
header 2 x10
2.54 mm x
2.54 mm pitch
Any
1
22
F1
Fuse holder with
cartridge fuses (3 A)
Through hole
Any
1
23
D4,D5,D6,D9
LED
SMD
Any
4
24
C1 (electrolytic
capacitor)
100 µF/25 V
ELC (bulk radial)
Any
1
25
C2,C17,C18
(electrolytic
capacitor)
220 µF/35 V
ELC (bulk radial)
Any
3
26
C6,C19 (electrolytic
capacitor)
330 µF/35 V
ELC (bulk radial)
Any
2
27
C8,C10,C16,
C28 (ceramic
capacitor 0805)
10 µF
EIA 3528-21/
size B
Any
4
28
C20 (ceramic
capacitor 0805)
2.2 µF
EIA 3528-21/
size B
Any
1
29
C3 (ceramic
capacitor 0805)
220 nF
SMD0805
Any
1
30
C4
(ceramic capacitor
0805)
2.7 nF
SMD0805
Any
1
31
C5,C7,C9,C12,C14,
C15,C24,C26,C27,
C29,C30,C31,C32,
C33,C34,C36,C37,
C38,C39,C40,C41,
C42,C43 (ceramic
capacitor)
100 nF
SMD0805
Any
21
32
C11 (ceramic
capacitor 0805)
10 nF
SMD0805
Any
1
33
C13 (ceramic
capacitor 0805)
22 nF
SMD0805
Any
1
34
C21 (ceramic
capacitor 0805)
2.2 nF
SMD0805
Any
1
35
C22 (ceramic
capacitor 0805)
33 nF
SMD0805
Any
1
36
C23,C25 (ceramic
capacitor 0805)
30 pF
SMD0805
Any
2
Table 5.
Bill of material (continued)
S.
no.
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number
Qty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com