Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0581 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 18Page - STMicroelectronics UM0581 Datasheet HTML 19Page - STMicroelectronics UM0581 Datasheet HTML 20Page - STMicroelectronics UM0581 Datasheet HTML 21Page - STMicroelectronics UM0581 Datasheet HTML 22Page - STMicroelectronics UM0581 Datasheet HTML 23Page - STMicroelectronics UM0581 Datasheet HTML 24Page - STMicroelectronics UM0581 Datasheet HTML 25Page - STMicroelectronics UM0581 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
UM0581
Bill of material
Doc ID 14961 Rev 1
23/26
37
C35 (ceramic
capacitor 0805)
4.7 nF
SMD0805
Any
1
38
L1 (inductor)
150 µH
SMD
Coil-craft
DS5022P-
154ML
1
39
L2 (inductor)
47 µH
SMD
Coil-craft
DS5022P-
473ML
1
40
L3 (inductor)
10 µH
through hole
Any
1
41
R1,R2,R3,R4,R5,R6,
R7,R8,R10,R11,R12,
R13,R14,R15,R16,
R17,R18,R28,R30,
R31,R32,R33
33
Ω
SMD0805
Any
22
42
R9,R29,R37,
R59,R61,R63,
R65,R67,R68,
R70,R71,R72,
R73,R74
10 k
Ω
SMD0805
Any
14
43
R19,R24,R27
82
Ω
SMD0805
Any
3
44
R20
5.6 k
Ω
SMD0805
Any
3
45
R21,R23,R26,
R60,R62
22
Ω
SMD0805
Any
5
46
R22
1 k
Ω
SMD0805
Any
1
47
R25,R34,R35,
R36,R38,R39,
R40,R47
0
SMD0805
Any
8
48
R41
20 k
Ω
SMD0805
Any
1
49
R42
2.7 k
Ω
SMD0805
Any
1
50
R43,R44,R46,R50
470
SMD0805
Any
4
51
R45
9.1 k
Ω
SMD0805
Any
1
52
R48,R55
4.7 k
Ω
SMD0805
Any
2
53
R49
6.2 k
Ω
SMD0805
Any
1
54
R53
43 k
Ω
SMD0805
Any
1
55
R57
15 k
Ω
SMD0805
Any
1
56
R66,R56
1 M
Ω
SMD0805
Any
2
57
R64
1.5 k
Ω
SMD0805
Any
1
58
R69
200
Ω
SMD0805
Any
1
Table 5.
Bill of material (continued)
S.
no.
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number
Qty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com